Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2320 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2320
Description  3A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2320 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2320 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
Applications
Description
n
n
n
n
n
Output Current: Up to 3A
Output Voltage: 0.6V to V
Input Voltage: 2.7 to 5.5V
Efficiency up to 95%
42 A (Typ) No Load Quiescent Current
Shutdown Current: <1 A
100% Duty Cycle Operation
1.5MHz Switching Frequency
Internal Soft Start
No external Compensation Required
Current Limit Protection
Thermal Shutdown
PSOP-8 Package
5V or 3.3V Point of Load Conversion
Telecom/Networking Equipment
Set Top Boxes
Storage Equipment
Video Cards
DDR Power Supply
T h e PA M 2 3 2 0 i s a 3 A s t e p - d o w n D C - D C
converter. At heavy load, the constant-frequency
PWM control performs excellent stability and
transient response. No external compensation
components are required
The PAM2320 supports a range of input voltages
from 2.7V to 5.5V, allowing the use of a single
L i + / L i - p o l y m e r c e l l , m u l t i p l e A l k a l i n e / N i M H
cell,and other standard power sources. The
output voltage is adjustable from 0.6V to the input
voltage. The PAM2320 employs internal power
switch and synchronous rectifier to minimize
external part count and realize high efficiency.
During shutdown, the input is disconnected from
the output and the shutdown current is less than
1 A. Other key features include over-temperature
and short circuit protection, and under-voltage
lockout to prevent deep battery discharge.
The PAM2320 delivers 3A maximum output
current while consuming only 42 A of no-load
quiescent current. Ultra-low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make
the PAM2320 an ideal choice for high output
voltage, high current applications which require a
low dropout threshold.
The PAM2320 is available in PSOP8 package.
IN
n
n
n
n
n
n
n
n
μ
μ
μ
μ
n
n
n
n
n
n
.
Typical Application
1
www.poweranalog.com
05/2011 Rev1.0
,
Power Analog Microelectronics Inc
PAM2320
3A Low Noise Step-Down DC-DC Converter
1
0.6
1
2
O
R
V
R
=
 +
(5)FB
GND(4)
(3)SW
EN(7)
VIN (2)
NC (1,6,8)
PAM 2310
0
CIN
22uF
Cf w
100p
Co
22uF
VIN
0
L
R1
R2
0
0
VO
PAM2320
40uF
30uF


Similar Part No. - PAM2320

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2320BECADJR DIODES-PAM2320BECADJR Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
More results

Similar Description - PAM2320

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Power Analog Micoelectr...
PAM2303 PAM-PAM2303 Datasheet
336Kb / 13P
3A Low Noise Step-Down DC-DC Converter
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
3A Low Noise Step-Down DC-DC Converter
PAM2310 PAM-PAM2310 Datasheet
312Kb / 11P
2A Low Noise Step-Down DC-DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
Diodes Incorporated
PAM2307 DIODES-PAM2307 Datasheet
618Kb / 14P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2310 DIODES-PAM2310_V01 Datasheet
571Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com