Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2320 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2320
Description  3A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2320 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2320 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Block Diagram
2
Pin Configuration & Marking Information
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2320
3A Low Noise Step-Down DC-DC Converter
05/2011 Rev1.0
Top View
PSOP-8
P2320:PAM2320
A:
Adjustable Output
Y:
Year
W: Week
X:
Internal Code
NC
VIN
SW
GND
NC
EN
NC
FB
(Exposed Pad)
EN
R1
R2
FB
+
-
IAMP
+
-
IRCMP
SW
GND
SYNCHRONOUS
RECTIFIER NCH
(
)
MAIN
SWITCH PCH
(
)
VIN
COMP
VIN
SHUTDOWN
OSC
RS LATCH
0.6VREF
FREQ
SHIFT
-
+
EA
S Q
R Q
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
SLOPE
COMP
1.5M
OSC
ANTI
SHOOT
THRU
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com