Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2320 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2320
Description  3A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2320 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2320 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PAM2320
3A Low Noise Step-Down DC-DC Converter
www.poweranalog.com
,
Power Analog Microelectronics Inc
7
Rdson VS Input Voltage
1.50
1.52
1.54
1.56
1.58
20
40
60
80
100
120
140
Temperature(℃)
Quiescent Current VS Input Voltage
Typical Performance Characteristics
°C
T =25
, C =33uF,Co=22 F unless otherwise noted.
A
IN
μ
05/2011 Rev1.0
Oscillator Frequency VS Temperature
Oscillator Frequency VS Input Voltage
Vin=3.6V
50
60
70
80
90
100
110
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
P-0.1A
N-0.1A
30
32
34
36
38
40
42
44
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Vo1.2V
Vo1.8V
Vo3.3V
0.584
0.586
0.588
0.590
0.592
0.594
0.596
0.598
0.600
0.602
2
3
4
5
6
Input Voltage
I =100mA
I =600mA
I =800mA
Reference Voltage VS Input Voltage
Reference Voltage VS Temperature
1.30
1.32
1.34
1.36
1.38
1.40
1.42
1.44
1.46
1.48
1.50
2.5
3
3.5
4
4.5
5
5.5
Input Voltage(V)
0.58
0.582
0.584
0.586
0.588
0.59
0.592
0.594
0.596
0.598
0.6
25
50
75
100
125
150
Tem perature
Io=3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com