Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601ES Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4601ES
Description  Buck-Boost White LED Driver For TV Backlighting Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601ES Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4601ES Datasheet HTML 1Page - Monolithic Power Systems MP4601ES Datasheet HTML 2Page - Monolithic Power Systems MP4601ES Datasheet HTML 3Page - Monolithic Power Systems MP4601ES Datasheet HTML 4Page - Monolithic Power Systems MP4601ES Datasheet HTML 5Page - Monolithic Power Systems MP4601ES Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV4601ES-00A – EVB DESCRIPTION
EV4601ES-00A Rev.1.0
www.MonolithicPower.com
2
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
DIM
VIN
LED-
EN
GND
7
4
1
10
13
16
8
5
6
2
3
9
12
11
15
14
FST
EN
SYN
FB
DGD
VSS
BST
DIM
VIN
OCP
OVP
SW
INGND
FAULT
COMP
SLOPE
MP4601
U1
SYN
LED+
FAULT
100k
R1
100
R3
10k
R11
NC
R13
0
R2
1M
R5
NC
C7
5.1k
R4
10nF
C6
C1
Vin
2k
R10
10K
R6
10k
R9
10k
R12
100k
R17
D1
B290
20k
R14
C5
Boost
Vin
NC
C4
10k
R7
C2
VSS
VSS
4
1, 2, 3
5, 6, 7, 8
Q1
3.32
R18
3.32
R19
1
2
L1
178k
R15
360k
R16
NC
R8
22pF
C3
EV4601ES-00A BILL OF MATERIALS
Qty Ref
Value
Description
Package
Manufacturer Part Number
1
C1
0.1μF
Ceramic
Capacitor;50V;X7R;0603
0603
muRata
GRM188R71H104KA93D
1
C2
2.2μF
Ceramic
Capacitor;100V;X7R;1210
1210
muRata
GRM32ER72A225KA35L
1
C3
22pF
Ceramic
Capacitor;50V;NPO;0603
0603
LION
0603N220J500T
1
C4
NC
1
C5 2.2μF/100V
Ceramic
Capacitor;100V;X7R;1210
1210
muRata
GRM32ER72A225KA35L
1
C6
10nF
Ceramic
Capacitor;50V;X7R;0603
0603
muRata
GRM188R71H103KA01D
1
C7
NC
Ceramic
Capacitor;25V;C0G;0603
0603
muRata
1
D1
B290
Schottky Diode;90V;2A
SMB
Diodes
B290-F
1
L1
100μH
Inductor;100uH;255mOhm;1.2A
SMD
Wurth
744066101
1
Q1 SMK0260D N-Channel Mosfet;600V, 2A
DPAK
(TO-252)
AUK
SMK0260D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com