Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601ES Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4601ES
Description  Buck-Boost White LED Driver For TV Backlighting Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601ES Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4601ES Datasheet HTML 1Page - Monolithic Power Systems MP4601ES Datasheet HTML 2Page - Monolithic Power Systems MP4601ES Datasheet HTML 3Page - Monolithic Power Systems MP4601ES Datasheet HTML 4Page - Monolithic Power Systems MP4601ES Datasheet HTML 5Page - Monolithic Power Systems MP4601ES Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV4601ES-00A
Buck-Boost White LED Driver
For TV Backlighting Applications
EV4601ES-00A Rev.1.0
www.MonolithicPower.com
1
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV4601ES-00A
Evaluation
Board
is
designed to demonstrate the capabilities of
MPS’
MP4601ES
for
TV
backlighting
applications. MP4601 is an integrated Buck-
Boost white LED driver which is suitable for TV
and big panel backlighting applications with
MPS patented pending technology.
With a 12V input VIN and a high voltage source
VINH, EV4601ES-00A can deliver a regulated
voltage (VINH to VINH+60V) to drive a LED string
over 350V. The LED current is regulated to
about 120mA. The EV4601ES-00A can be
synchronized. Several EV4601ES-00As can be
used together to drive a TV panel
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
12±10%
V
Enable
EN
5±10%
V
Dimming
DIM
5±10%
V
LED Current
ILED
120±5%
mA
Switching Frequency
fs
300
kHz
Over
Voltage
Protection
VLED-Max
-63
V
FEATURES
• Novel Power Leverage Control Technology
• Negative Output Buck-Boost Operation
• Switching Frequency Synchronization
• Analog and PWM Dimming Control
• Programmable Cycle-by-Cycle Over Current
Protection
• Thermal Shutdown Protection
• LED Short and Open Protection
• Fault Output for Short LED Protection
• Output Short Circuit Protection
APPLICATIONS
• TV Backlighting
• Large LCD Panels Backlighting
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV4601ES-00A EVALUATION BOARD
(L x W x H) 5cm x 4.6cm x 4.5mm
Board Number
MPS IC Number
EV4601ES-00A
MP4601ES
VINH (V)
Efficiency vs. VINH
93.00
94.00
95.00
96.00
97.00
98.00
99.00
100.00
120 130 140 150 160 170 180


Similar Part No. - MP4601ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4601ES MPS-MP4601ES Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
More results

Similar Description - MP4601ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
4ch White LED Driver with Buck-Boost
logo
Monolithic Power System...
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
Boost White LED Driver For TV Backlighting Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com