Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5402M-R-00B Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # EV5402M-R-00B
Description  5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5402M-R-00B Datasheet(HTML) 7 Page - Monolithic Power Systems

  EV5402M-R-00B Datasheet HTML 1Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 2Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 3Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 4Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 5Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 6Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EV5402M-R-00B, 5A, 36V STEP DOWN CONVERTER WITH DUAL USB PORTS
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV5402M-R-00B Rev. 1.0
www.MonolithicPower.com
7
3/12/2015
MPS Proprietary Information. . Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load to the USB1, USB2 and GND pins,
respectively.
2. Preset the power supply output between 7V and 36V, and then turn off the power supply.
3. Connect the positive and negative terminals of the power supply output to the VIN and GND
pins, respectively.
4. Turn the power supply on. The board will automatically start up.
5. To use the Enable function, apply a digital input to the EN pin. Drive EN higher than 2V to turn
on the regulator or less than 1V to turn it off.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com