Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5402M-R-00B Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EV5402M-R-00B
Description  5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5402M-R-00B Datasheet(HTML) 1 Page - Monolithic Power Systems

  EV5402M-R-00B Datasheet HTML 1Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 2Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 3Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 4Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 5Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 6Page - Monolithic Power Systems EV5402M-R-00B Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV5402M-R-00B
5A, 36V, Frequency Selectable
Step-Down Converter
with Dual USB Charging Ports
EV5402M-R-00B Rev. 1.0
www.MonolithicPower.com
1
3/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV5402M-R-00B Evaluation Board is
designed to demonstrate the capabilities of
MPS’
MP5402M.
MP5402M
integrates
a
monolithic step-down switch mode converter
and two USB current limit switches with
charging port identification circuit. It achieves
5A continuous output current over a wide input
supply range with excellent load and line
regulation.
The output of USB switch is current limited.
Both USB ports support DCP schemes for
Battery Charging specification (BC1.2), the
Divider Mode, and 1.2V/1.2V Mode without the
need for outside user interaction.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Continuous Input
Voltage
VIN
7-36
V
Switching Frequency
Fs
250
kHz
Output Voltage
VUSB1/VUSB2
5
V
USB1_Io
2.4
A
Output Current
USB2_Io
2.4
A
FEATURES
• EMI Reduction Technique
• Wide 7V to 36V Operating Input Voltage
Range
• Fixed 5V Output Voltage with Line Drop
Compensation
• Accurate USB1/USB2 Output Current Limit
• 350kHz/250kHz/150kHz
Frequency
Selectable
• Programmable Line Drop Compensation
APPLICATIONS
• USB Dedicated Charging Ports (DCP)
• Automotive Cigarette Lighter Adapters
• Power Supply for Linear Chargers
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation), AAM (….) areTrademarks of
Monolithic Power Systems, Inc.
EV5402M-R-00B EVALUATION BOARD
(L x W x H) 6.5cm x 6cm x 1.7cm (Four Layer PCB)
Board Number
MPS IC Number
EV5402M-R-00B
MP5402M


Similar Part No. - EV5402M-R-00B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV5402M-R-00A MPS-EV5402M-R-00A Datasheet
468Kb / 6P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
More results

Similar Description - EV5402M-R-00B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
Monolithic Power System...
MPQ4475M MPS-MPQ4475M Datasheet
618Kb / 17P
36V, 2.5A, Frequency Selectable, Step-Down Converter with Single USB Charging Port AEC-Q100 Qualified
MP5402M MPS-MP5402M Datasheet
715Kb / 17P
5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
MP5408M MPS-MP5408M Datasheet
895Kb / 21P
36V, 6A, Frequency Programmable, Step-Down Converter with Smart, Dual, USB Charging Ports
MP2496M MPS-MP2496M Datasheet
620Kb / 17P
2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
EV5402M-R-00A MPS-EV5402M-R-00A Datasheet
468Kb / 6P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
EV2496M-R-00A MPS-EV2496M-R-00A Datasheet
450Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Singel USB Charging Port
EVQ4491M-RE-00A MPS-EVQ4491M-RE-00A Datasheet
408Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
MPQ4475-E MPS-MPQ4475-E Datasheet
995Kb / 17P
36V, 2.5A, Frequency Selectable,36V, 2.5A, Frequency Selectable,with Single USB Charging Port AEC-Q100 Qualified
Rev. 1.0 10/24/2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com