Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6509GF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6509GF
Description  1.2A,18V, Bipolar Stepper Motor Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6509GF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6509GF Datasheet HTML 1Page - Monolithic Power Systems MP6509GF Datasheet HTML 2Page - Monolithic Power Systems MP6509GF Datasheet HTML 3Page - Monolithic Power Systems MP6509GF Datasheet HTML 4Page - Monolithic Power Systems MP6509GF Datasheet HTML 5Page - Monolithic Power Systems MP6509GF Datasheet HTML 6Page - Monolithic Power Systems MP6509GF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV6509GF-00A – EVB DESCRIPTION
EV6509GF-00A Rev.1.0
www.MonolithicPower.com
3
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV6509GF-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
1
C1
2.2μF
Ceramic Capacitor,
10V, X7R
0603
Murata
GRM188R71A225KE15D
2
C2,C5
0.1μF
Ceramic Capacitor,
25V, X7R
0603
Murata
GRM188R71E104KA01D
1
C3
100µF
Electrolytic Capacitor,
50V, X5R
DIP
Jianghai
CD287-50V100
1
C4
10µF
Ceramic Capacitor.
50V, X7R
1206
Murata
GRM32ER71H106KA12L
6
R1,R2
R3,R4
R14,R15
0Ω
Film Resistor, 5%
0603
Royalohm
0603J0000T5E
1
R5
20kΩ
Film Resistor, 1%
0603
Yageo
RC0603FR-0720KL
1
R6
80.6kΩ
Film Resistor, 1%
0603
Yageo
RC0603FR-0780K6L
1
R7
499Ω
Film Resistor, 1%
0603
Yageo
RC0603FR-07499RL
6
R8,R9,
R10,R11,
R12,R13
500mΩ
Film Resistor, 1%
1206
Yageo
RL1206FR-070R5L
1
ZD1
Zener Diode, 5.1V,
5mA, 500mW
SOD-123
Diodes
BZT52C5V1
1
LED1
LED. Red
0805
Bright LED
BL-HUF35A-TRB
7
SW1-SW7
Switch (2 Bit)
SS-12D01EG4
1
CN1
10PIN, 2.54mm
6
CN2-CN7
3PIN, 2.54mm
(with Short Jumper)
1
CN8
4PIN, 2.54mm
1
U1
Stepper Motor Driver
TSSOP-20
EP
MPS
MP6509GF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com