Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6509GF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6509GF
Description  1.2A,18V, Bipolar Stepper Motor Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6509GF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6509GF Datasheet HTML 1Page - Monolithic Power Systems MP6509GF Datasheet HTML 2Page - Monolithic Power Systems MP6509GF Datasheet HTML 3Page - Monolithic Power Systems MP6509GF Datasheet HTML 4Page - Monolithic Power Systems MP6509GF Datasheet HTML 5Page - Monolithic Power Systems MP6509GF Datasheet HTML 6Page - Monolithic Power Systems MP6509GF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EV6509GF-00A – EVB DESCRIPTION
EV6509GF-00A Rev.1.0
www.MonolithicPower.com
4
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN=12V, IOUT=1.2A, ATT1=ATT2=L, F_step=200Hz, R+L Load: L=1.5mH, R=3.3Ω, TA=25ºC, unless
otherwise noted.
SLEEP
5V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
1A/div.
SLEEP
5V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
1A/div.
SLEEP
5V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
1A/div.
SLEEP
5V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
1A/div.
AIN1
10V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
1A/div.
AIN1
10V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
1A/div.
AIN1
2V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
1A/div.
AIN1
2V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
1A/div.
Steady State-Full Step
Steady State-Half Step
Power Ramp Up-Full Step
Power Ramp Up-Half Step
Sleep Entry-Full Step
Sleep Recovery-Full Step
Sleep Entry-Half Step
Sleep Recovery-Half Step
AIN1
2V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
1A/div.
80% Current Attenuation
-Full Step
ATT1=H, ATT2=L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com