Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8610AC Datasheet(PDF) 1 Page - Linear Technology

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 1 Page - Linear Technology

  LT8610AC Datasheet HTML 1Page - Linear Technology LT8610AC Datasheet HTML 2Page - Linear Technology LT8610AC Datasheet HTML 3Page - Linear Technology LT8610AC Datasheet HTML 4Page - Linear Technology LT8610AC Datasheet HTML 5Page - Linear Technology LT8610AC Datasheet HTML 6Page - Linear Technology LT8610AC Datasheet HTML 7Page - Linear Technology LT8610AC Datasheet HTML 8Page - Linear Technology LT8610AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT8610AC/LT8610AC-1
1
8610acfa
For more information www.linear.com/LT8610AC
Typical applicaTion
FeaTures
DescripTion
42V, 3.5A Synchronous
Step-Down Regulator with
2.5µA Quiescent Current
TheLT®8610AC/LT8610AC-1isacompact,highefficiency,
high speed synchronous monolithic step-down switching
regulator that consumes only 2.5µA of quiescent current.
Compared to the LT8610AB, the LT8610AC/LT8610AC-1
has a lower feedback voltage of 800mV and a lower mini-
mum VIN of 3V. The LT8610AC/LT8610AC-1 has the same
additional features of the LT8610AB as compared to the
LT8610: higher maximum output current of 3.5A, faster
minimum on time of 30ns, and higher light load efficiency.
The LT8610AC/LT8610AC-1 has a SYNC pin for syn-
chronization to an external clock. A capacitor on the TR/
SS pin programs the output voltage ramp rate during
startup. The PG flag signals when VOUT is within ±8% of
theprogrammedoutputvoltageaswellasfaultconditions.
The LT8610AC-1 has internal compensation optimized for
highswitchingfrequenciesresultinginimprovedtransient
response compared to the LT8610AC. The LT8610AC-1
also has a feature which will soft-start the part when
exiting dropout or brownout conditions reducing output
voltage overshoot.
FEEDBACK
VOLTAGE
MIN VIN
OUTPUT
CURRENT
MIN ON
TIME
IMPROVED
EMI
LT8610AC
0.80V
3.0V
3.5A
30ns
Yes
LT8610AB*
0.97V
3.4V
3.5A
30ns
Yes
LT8610A*
0.97V
3.4V
3.5A
30ns
Yes
LT8610*
0.97V
3.4V
2.5A
50ns
–
*See LT8610A/LT8610AB or LT8610 data sheet.
5V 3.5A Step-Down Converter
applicaTions
n
LT8610 Feature Set, Plus:
3V Minimum Input Voltage
800mV Feedback Voltage
3.5A Maximum Output Current
Fast 30ns Minimum Switch-On Time
Improved Burst Mode Efficiency
Improved EMI
n
Wide Input Voltage Range: 3V to 42V
n
Ultralow Quiescent Current Burst Mode® Operation:
2.5μA IQ Regulating 12VIN to 3.3VOUT
n
High Efficiency Synchronous Operation:
95% Efficiency at 1A, 5VOUT from 12VIN
93% Efficiency at 1A, 3.3VOUT from 12VIN
n
Low Dropout Under All Conditions: 200mV at 1A
n
Safely Tolerates Inductor Saturation in Overload
n
Adjustable and Synchronizable Frequency:
LT8610AC: 200kHz to 2.2MHz
LT8610AC-1: 1.5MHz to 2.2MHz
n
Accurate 1.015V Enable Pin Threshold
n
Output Soft-Start and Tracking
n
Small Thermally Enhanced 16-Lead MSOP Package
n
Automotive and Industrial Supplies
n
GSM Power Supplies
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective owners.
Efficiency at 5VOUT
BST
VIN
EN/UV
PG
SYNC
INTVCC
TR/SS
RT
SW
LT8610AC
GND
BIAS
8610ac1 TA01a
FB
0.1µF
VOUT
5V
3.5A
4.7µF
VIN
5.5V TO 42V
1µF
10nF
10pF
4.7µH
1M
191k
fSW = 700kHz
60.4k
47µF
×2
0.1
1
1000
100
10
LOAD CURRENT (mA)
80
90
100
8610ac1 TA01b
70
50
60
40
30
VIN = 12V
VIN = 24V
VIN = 36V


Similar Part No. - LT8610AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610AC LINER-LT8610AC Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8610AC LINER-LT8610AC Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8610AC AD-LT8610AC Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
LT8610AC AD-LT8610AC Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8610AC AD-LT8610AC Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
More results

Similar Description - LT8610AC

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT8611EUDDPBF LINEAR_DIMENSIONS-LT8611EUDDPBF Datasheet
350Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5關A Quiescent Current
logo
Linear Technology
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8608 LINER-LT8608 Datasheet
2Mb / 24P
42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8609S LINER-LT8609S Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com