Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8610AC Datasheet(PDF) 4 Page - Linear Technology

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 4 Page - Linear Technology

  LT8610AC Datasheet HTML 1Page - Linear Technology LT8610AC Datasheet HTML 2Page - Linear Technology LT8610AC Datasheet HTML 3Page - Linear Technology LT8610AC Datasheet HTML 4Page - Linear Technology LT8610AC Datasheet HTML 5Page - Linear Technology LT8610AC Datasheet HTML 6Page - Linear Technology LT8610AC Datasheet HTML 7Page - Linear Technology LT8610AC Datasheet HTML 8Page - Linear Technology LT8610AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT8610AC/LT8610AC-1
4
8610acfa
For more information www.linear.com/LT8610AC
Typical perForMance characTerisTics
Efficiency at 3.3VOUT
Efficiency vs Frequency at 1A
Reference Voltage
Efficiency at 5VOUT
Efficiency at 5VOUT
Efficiency at 3.3VOUT
LOAD CURRENT (A)
0
80
90
100
2
3
8610ac1 G01
70
60
75
85
95
65
55
50
0.5
1
1.5
3.5
2.5
fSW = 700kHz (LT8610AC)
L = IHLP-2525EZ-01, 4.7µH
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0.01
10
1
1000
100
8610ac1 G02
0.1
80
90
100
70
50
60
40
20
30
VIN = 12V
VIN = 24V
VIN = 36V
fSW = 700kHz (LT8610AC)
L = IHLP-2525EZ-01, 4.7µH
0
2
3
0.5
1
1.5
3.5
2.5
LOAD CURRENT (A)
80
90
100
8610ac1 G03
70
60
75
85
95
65
55
50
VIN = 12V
VIN = 24V
VIN = 36V
fSW = 700kHz (LT8610AC)
L = IHLP-2525EZ-01, 4.7µH
0.01
10
1
1000
100
0.1
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
30
90
100
80
50
70
60
40
8610ac1 G04
20
fSW = 700kHz (LT8610AC)
L = IHLP-2525EZ-01, 4.7µH
SWITCHING FREQUENCY (MHz)
0.25
80
85
100
1.75
8610ac1 G05
75
70
0.75
1.25
2.25
1.50
0.50
1.00
2.00
65
60
90
95
VIN = 12V
VIN = 24V
VOUT = 3.3V
L = IHLP-2525EZ-01, 4.7µH
(LT8610AC)
TEMPERATURE (°C)
–55
35
8610ac1 G06
0.800
–25
5
65
0.792
0.796
0.788
0.784
0.816
0.812
0.804
0.808
95
125 155
TEMPERATURE (°C)
–55
35
8610ac1 G07
1.00
–25
5
65
0.96
0.98
0.94
0.92
1.04
1.02
95
125 155
EN RISING
EN FALLING
Line Regulation
Load Regulation
LOAD CURRENT (A)
0
–0.25
–0.15
–0.05
0.05
0.5
1
1.5
2
8610ac1 G08
2.5
0.15
0.25
–0.20
–0.10
0
0.10
0.20
3.5
3
VOUT = 3.3V
VIN = 12V
INPUT VOLTAGE (V)
0
0.03
0.09
0.15
40
8610ac1 G09
–0.03
–0.09
0
0.06
0.12
–0.06
–0.12
–0.15
10
5
20
15
30 35
45
25
VOUT = 3.3V
ILOAD = 0.5A
TA = 25°C, unless otherwise noted.
EN Pin Thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com