Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3129 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 2 Page - Linear Technology

  LTC3129 Datasheet HTML 1Page - Linear Technology LTC3129 Datasheet HTML 2Page - Linear Technology LTC3129 Datasheet HTML 3Page - Linear Technology LTC3129 Datasheet HTML 4Page - Linear Technology LTC3129 Datasheet HTML 5Page - Linear Technology LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC3129
2
3129fc
For more information www.linear.com/LTC3129
absoluTe MaxiMuM raTings
VIN, VOUT Voltages .................................... –0.3V to 18V
SW1 DC Voltage............................ –0.3V to (VIN + 0.3V)
SW2 DC Voltage..........................–0.3V to (VOUT + 0.3V)
SW1, SW2 Pulsed (<100ns) Voltage ..............–1V to 19V
BST1 Voltage ....................(SW1 – 0.3V) to (SW1 + 6V)
BST2 Voltage ....................(SW2 – 0.3V) to (SW2 + 6V)
RUN, PGOOD Voltages............................... –0.3V to 18V
VCC, FB, PWM, MPPC Voltages.................... –0.3V to 6V
PGOOD Sink Current .............................................15mA
Operating Junction Temperature Range
(Notes 2, 5)............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
MSE Lead Temperature (Soldering, 10 sec) ..........300°C
(Notes 1, 8)
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
BST1
VIN
VCC
RUN
VOUT
PGOOD
PWM
NC
17
PGND
TJMAX = 125°C, θJC = 7.5°C/W, θJA = 68°C/W (NOTE 6)
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
VCC
RUN
MPPC
GND
FB
NC
NC
PWM
16
15
14
13
12
11
10
9
VIN
BST1
SW1
PGND
SW2
BST2
VOUT
PGOOD
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
17
PGND
TJMAX = 125°C, θJC = 10°C/W, θJA = 40°C/W (NOTE 6)
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3129EUD#PBF
LTC3129EUD#TRPBF
LGDR
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC3129IUD#PBF
LTC3129IUD#TRPBF
LGDR
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC3129EMSE#PBF
LTC3129EMSE#TRPBF
3129
16-Lead Plastic MSOP
–40°C to 125°C
LTC3129IMSE#PBF
LTC3129IMSE#TRPBF
3129
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com