Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3129 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 18Page - Linear Technology LTC3129 Datasheet HTML 19Page - Linear Technology LTC3129 Datasheet HTML 20Page - Linear Technology LTC3129 Datasheet HTML 21Page - Linear Technology LTC3129 Datasheet HTML 22Page - Linear Technology LTC3129 Datasheet HTML 23Page - Linear Technology LTC3129 Datasheet HTML 24Page - Linear Technology LTC3129 Datasheet HTML 25Page - Linear Technology LTC3129 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC3129
22
3129fc
For more information www.linear.com/LTC3129
that allows VCC to be driven above its nominal regulation
level with only a very slight amount of reverse current.
Please note that the bootstrapping supply (either VOUT or
a separate regulator) must be limited to less than 5.7V so
as not to exceed the maximum VCC voltage of 5.5V after
the diode drop.
By maintaining VCC above its UVLO threshold,
bootstrapping, even to a 3.3V output, also allows opera-
tion down to the VIN UVLO threshold of 1.8V (typical).
Sources of Small Photovoltaic Panels
A list of companies that manufacture small solar panels
(sometimes referred to as modules or solar cell arrays)
suitable for use with the LTC3129 is provided in Table 3.
Table 3. Small Photovoltaic Panel Manufacturers
Sanyo
http://panasonic.net/energy/amorton/en/
PowerFilm
http://www.powerfilmsolar.com/
Ixys
Corporation
http://www.ixys.com/ProductPortfolio/GreenEnergy.aspx
G24
Innovations
http://www.g24i.com/
applicaTions inForMaTion
Figure 6. Example of VCC Bootstrap
3129 F06
LTC3129
VOUT
VOUT
BAT54
COUT
VCC
2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com