Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1838AS Datasheet(PDF) 18 Page - Analog Devices

Part # AD1838AS
Description  2 ADC, 6 DAC,96 kHz, 24-Bit Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1838AS Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1838AS Datasheet HTML 14Page - Analog Devices AD1838AS Datasheet HTML 15Page - Analog Devices AD1838AS Datasheet HTML 16Page - Analog Devices AD1838AS Datasheet HTML 17Page - Analog Devices AD1838AS Datasheet HTML 18Page - Analog Devices AD1838AS Datasheet HTML 19Page - Analog Devices AD1838AS Datasheet HTML 20Page - Analog Devices AD1838AS Datasheet HTML 21Page - Analog Devices AD1838AS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. 0
AD1838
–18–
CONTROL/STATUS REGISTERS
The AD1838 has 13 control registers, 11 of which are used to
set the operating mode of the part. The other two registers,
ADC Peak 0 and ADC Peak 1, are read-only and should not
be programmed. Each of the registers is 10-bits wide with the
exception of the ADC peak reading registers, which are six-bits
wide. Writing to a control register requires a 16-bit data frame to
be transmitted. Bits 15 to 12 are the address bits of the required
register. Bit 11 is a read/write bit. Bit 10 is reserved and should
always be programmed to 0. Bits 9 to 0 contain the 10-bit value
that is to be written to the register or, in the case of a read operation,
the 10-bit register contents. Figure 3 shows the format of the SPI
read and write operation.
DAC Control Registers
The AD1838 register map has eight registers that are used to control
the functionality of the DAC section of the part. The function
of the bits in these registers is discussed below.
Sample Rate
These bits control the sample rate of the DACs. Based on a
24.576 MHz IMCLK, sample rates of 48 kHz, 96 kHz, and
192 kHz are available. The MCLK scaling bits in ADC
Control III should be programmed appropriately, based on the
master clock frequency.
Power-Down/Reset
This bit controls the power-down status of the DAC section.
By default, normal mode is selected. But by setting this bit, the
digital section of the DAC stage can be put into a low power
mode, thus reducing the digital current. The analog output
section of the DAC stage is not powered down.
DAC Data-Word Width
These two bits set the word width of the DAC data. Compact
Disc (CD) compatibility may require 16 bits, but many modern
digital audio formats require 24-bit sample resolution.
DAC Data Format
The AD1838 serial data interface can be configured to be
compatible with a choice of popular interface formats, including
I
2S, LJ, RJ, or DSP modes. Details of these interface modes are
given in the Serial Data Port section of this datasheet.
De-Emphasis
The AD1838 provides built-in de-emphasis filtering for the three
standard sample rates of 32.0 kHz, 44.1 kHz, and 48 kHz.
Mute DAC
Each of the six DACs in the AD1838 has its own independent
mute control. Setting the appropriate bit will mute the DAC
output. The AD1838 uses a clickless mute function that attenu-
ates the output to approximately –100 dB over a number of cycles.
Stereo Replicate
Setting this bit copies the digital data sent to the stereo pair
DAC1 to the three other stereo DACs in the system. This
allows all three stereo DACs to be driven by one digital data
stream. Note that in this mode, DAC data sent to the other
DACs is ignored.
DAC Volume Control
Each DAC in the AD1838 has its own independent volume
control. The volume of each DAC can be adjusted in 1024
linear steps by programming the appropriate register. The
default value for this register is 1023, which provides no attenu-
ation, i.e., full volume.
ADC Control Registers
The AD1838 register map has five registers that are used to
control the functionality and to read the status of the ADCs. The
function of the bits in each of these registers is discussed below.
ADC Peak Level
These two registers store the peak ADC result from each channel
when the ADC peak readback function is enabled. The peak
result is stored as a 6-bit number from 0 dB to –63 dB in 1 dB
steps. The value contained in the register is reset once it has
been read, allowing for continuous level adjustment as required. Note
that the ADC peak level registers use the six most significant
bits in the register to store the results.
Sample Rate
This bit controls the sample rate of the ADCs. Based on a
24.576 MHz IMCLK, sample rates of 48 kHz and 96 kHz are
available. The MCLK scaling bits in ADC Control III should be
programmed appropriately based on the master clock frequency.
ADC Power-Down
This bit controls the power-down status of the ADC section and
operates in a similar manner to the DAC power-down.
High-Pass Filter
The ADC signal path has a digital high-pass filter. Enabling this
filter will remove the effect of any dc offset in the analog input
signal from the digital output codes.
Dither
Enabling the dither function will add a small amount of random
charge to the sampling capacitors on the ADC inputs. This will
eliminate the effect of any idle tones that could occur if there
were no input signal present.
ADC Data-Word Width
These two bits set the word width of the ADC data.
ADC Data Format
The AD1838 serial data interface can be configured to be
compatible with a choice of popular interface formats, including
I
2S, LJ, RJ, or DSP modes.
Master/Slave Auxiliary Mode
When the AD1838 is operating in the auxiliary mode, the auxiliary
ADC control pins, AUXBCLK and AUXLRCLK, which connect
to the external ADCs, can be set to operate as a master or slave.
If the pins are set in slave mode, one of the external ADCs should
provide the LRCLK and BCLK signals.
ADC Peak Readback
Setting this bit enables ADC peak reading. See the ADC section
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com