Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1838AS Datasheet(PDF) 19 Page - Analog Devices

Part # AD1838AS
Description  2 ADC, 6 DAC,96 kHz, 24-Bit Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1838AS Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1838AS Datasheet HTML 15Page - Analog Devices AD1838AS Datasheet HTML 16Page - Analog Devices AD1838AS Datasheet HTML 17Page - Analog Devices AD1838AS Datasheet HTML 18Page - Analog Devices AD1838AS Datasheet HTML 19Page - Analog Devices AD1838AS Datasheet HTML 20Page - Analog Devices AD1838AS Datasheet HTML 21Page - Analog Devices AD1838AS Datasheet HTML 22Page - Analog Devices AD1838AS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. 0
AD1838
–19–
Table III. Control Register Map
Register
Register
Reset
Address
Name
Description
Type
Width
Setting (Hex)
0000
DACCTRL1
DAC Control 1
R/
W
10
000
0001
DACCTRL2
DAC Control 2
R/
W
10
000
0010
DACVOL1
DAC Volume – Left 1
R/
W
10
3FF
0011
DACVOL2
DAC Volume – Right 1
R/
W
10
3FF
0100
DACVOL3
DAC Volume – Left 2
R/
W
10
3FF
0101
DACVOL4
DAC Volume – Right 2
R/
W
10
3FF
0110
DACVOL5
DAC Volume – Left 3
R/
W
10
3FF
0111
DACVOL6
DAC Volume – Right 3
R/
W
10
3FF
1000
RES
Reserved
R/
W
10
Reserved
1001
RES
Reserved
R/
W
10
Reserved
1010
ADCPeak0
ADC Left Peak
R
6
000
1011
ADCPeak1
ADC Right Peak
R
6
000
1100
ADCCTRL1
ADC Control 1
R/
W
10
000
1101
ADCCTRL2
ADC Control 2
R/
W
10
000
1110
ADCCTRL3
ADC Control 3
R/
W
10
000
1111
Reserved
Reserved
R/
W
10
Reserved
Table IV. DAC Control I
FUNCTION
DAC Data
DAC Data-
Power-Down
Address
R/
W
W
W
W
W RES
De-Emphasis
Format
Word Width
Reset
Sample Rate
15, 14, 13, 12
11
10
9, 8
7, 6, 5
4, 3
2
1, 0
0000
0
0
00 = None
000 = I
2S
00 = 24 Bits
0 = Normal
00 = 8
× (48 kHz)
01 = 44.1 kHz
001 = RJ
01 = 20 Bits
1 = Power-Down
01 = 4
× (96 kHz)
10 = 32.0 kHz
010 = DSP
10 = 16 Bits
10 = 2
× (192 kHz)
11 = 48.0 kHz
011 = LJ
11 = Reserved
11 = 8
× (48 kHz)
100 = Pack Mode 256
101 = Reserved
110 = Reserved
111 = Reserved
Table V. DAC Control II
FUNCTION
MUTE DAC
Stereo
Address R/
W
W
W
W
W RES Reserved Replicate
Reserved Reserved OUTR3
OUTL3
OUTR2
OUTL2
OUTR1
OUTL1
15, 14,
13, 12
11
10
9
8
7
6
543210
0001
0
0
0
0 = Off
0
0
0 = On
0 = On
0 = On
0 = On
0 = On
0 = On
1 = Replicate
1 = Mute 1 = Mute 1 = Mute 1 = Mute 1 = Mute 1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com