Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3255 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3255
Description  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3255 Datasheet HTML 8Page - Linear Technology LTC3255 Datasheet HTML 9Page - Linear Technology LTC3255 Datasheet HTML 10Page - Linear Technology LTC3255 Datasheet HTML 11Page - Linear Technology LTC3255 Datasheet HTML 12Page - Linear Technology LTC3255 Datasheet HTML 13Page - Linear Technology LTC3255 Datasheet HTML 14Page - Linear Technology LTC3255 Datasheet HTML 15Page - Linear Technology LTC3255 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3255
13
3255f
For more information www.linear.com/LTC3255
TYPICAL APPLICATIONS
Wide Input Range 5V Microcontroller Supply (with Power-On Reset Delay)
VIN
EN
383k
10µF
1µF
VOUT = 5V
3255 TA02
0.1µF
INPUT
6V TO 48V
1µF
1µF
LTC3255
GND
C+
C–
BIAS
SHUNT
FB
PGOOD
VOUT
510k
121k
VDD
GND
RESET
µCONTROLLER
VIN
EN
383k
121k
10µF
3255 TA03
0.1µF
4mA TO 20mA INPUT
13.5V COMPLIANCE
1µF
1µF
OUTPUT
5V
7mA
LTC3255
GND
C+
C–
BIAS
SHUNT
FB
+
–
PGOOD
PGOOD
VOUT
220k
7mA 5V Supply from 4mA to 20mA Current Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com