Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3255 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3255
Description  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 Datasheet(HTML) 2 Page - Linear Technology

  LTC3255 Datasheet HTML 1Page - Linear Technology LTC3255 Datasheet HTML 2Page - Linear Technology LTC3255 Datasheet HTML 3Page - Linear Technology LTC3255 Datasheet HTML 4Page - Linear Technology LTC3255 Datasheet HTML 5Page - Linear Technology LTC3255 Datasheet HTML 6Page - Linear Technology LTC3255 Datasheet HTML 7Page - Linear Technology LTC3255 Datasheet HTML 8Page - Linear Technology LTC3255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3255
2
3255f
For more information www.linear.com/LTC3255
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN........................................................ –52V to 60V
VOUT..........................................................................15V
VOUT Short-Circuit Duration (Note 6)............... Indefinite
IVOUT When VOUT < 0V (Note 4).............................50mA
FB .............................................................................±6V
PGOOD......................................................................15V
(Notes 1, 2)
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VIN
C–
GND
BIAS
EN
C+
VOUT
FB
SHUNT
PGOOD
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
C+
VOUT
FB
SHUNT
PGOOD
10
9
8
7
6
VIN
C–
GND
BIAS
EN
TOP VIEW
11
GND
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3255EDD#PBF
LTC3255EDD#TRPBF
LGHD
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3255IDD#PBF
LTC3255IDD#TRPBF
LGHD
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3255HDD#PBF
LTC3255HDD#TRPBF
LGHD
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 150°C
LTC3255MPDD#PBF
LTC3255MPDD#TRPBF
LGHD
10-Lead (3mm
× 3mm) Plastic DFN
–55°C to 150°C
LTC3255EMSE#PBF
LTC3255EMSE#TRPBF
LTGHF
10-Lead Plastic MSOP
–40°C to 125°C
LTC3255IMSE#PBF
LTC3255IMSE#TRPBF
LTGHF
10-Lead Plastic MSOP
–40°C to 125°C
LTC3255HMSE#PBF
LTC3255HMSE#TRPBF
LTGHF
10-Lead Plastic MSOP
–40°C to 150°C
LTC3255MPMSE#PBF
LTC3255MPMSE#TRPBF LTGHF
10-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
IPGOOD When VPGOOD < 0V (Note 5) .....................100µA
Operating Junction Temperature
Range (Notes 3, 6)................................. –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSE Only..........................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com