Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3371 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3371 Datasheet HTML 9Page - Linear Technology LTC3371 Datasheet HTML 10Page - Linear Technology LTC3371 Datasheet HTML 11Page - Linear Technology LTC3371 Datasheet HTML 12Page - Linear Technology LTC3371 Datasheet HTML 13Page - Linear Technology LTC3371 Datasheet HTML 14Page - Linear Technology LTC3371 Datasheet HTML 15Page - Linear Technology LTC3371 Datasheet HTML 16Page - Linear Technology LTC3371 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC3371
13
3371fb
For more information www.linear.com/LTC3371
PIN FUNCTIONS (QFN/TSSOP)
VINE (Pin 22/Pin 26): Power Stage E Input Supply. Bypass
to GND with a 10µF or larger ceramic capacitor.
SWE(Pin23/Pin27):PowerStageESwitchNode.External
inductor connects to this pin.
SWF(Pin24/Pin28):PowerStageFSwitchNode.External
inductor connects to this pin.
VINF (Pin 25/Pin 29): Power Stage F Input Supply. Bypass
to GND with a 10µF or larger ceramic capacitor.
VING(Pin26/Pin30):PowerStageGInputSupply.Bypass
to GND with a 10µF or larger ceramic capacitor.
SWG(Pin27/Pin31):PowerStageGSwitchNode.External
inductor connects to this pin.
SWH(Pin28/Pin32):PowerStageHSwitchNode.External
inductor connects to this pin.
VINH(Pin29/Pin33/):PowerStageHInputSupply.Bypass
to GND with a 10µF or larger ceramic capacitor.
FB4 (Pin 30/Pin 34): Buck Regulator 4 Feedback Pin.
Receives feedback by a resistor divider connected across
the output.
EN4 (Pin 31/Pin 35): Buck Regulator 4 Enable Input.
Active high. Do not float.
RST4 (Pin 32/Pin 36): Buck Regulator 4 Reset Pin
(Active Low). Open-drain output. When Buck 4 is disabled
or its regulated output voltage is more than 5% below its
programmed level, this pin is driven low. Assertion delay
is scaled by the CT capacitor.
RT (Pin 33/Pin 37): Oscillator Frequency Pin. This pin
provides two modes of setting the switching frequency.
ConnectingaresistorfromRTtogroundsetstheswitching
frequency based on the resistor value. If RT is tied to VCC
the internal 2MHz oscillator is used. Do not float.
PLL/MODE (Pin 34/Pin 38): Oscillator Synchronization
and Buck Mode Select Pin. Driving PLL/MODE with an
external clock signal synchronizes all switches to the
applied frequency, and the buck converters operate in
forced continuous mode. The slope compensation is au-
tomatically adapted to the external clock frequency. The
absence of an external clock signal enables the frequency
programmed by the RT pin. When not synchronizing to
an external clock this input determines how the LTC3371
operates at light loads. Pulling this pin to ground selects
Burst Mode operation. Tying this pin to VCC invokes forced
continuous mode operation. Do not float.
VCC (Pin 35/Pin 1): Internal Bias Supply. Bypass to GND
with a 10µF or larger ceramic capacitor.
TEMP (Pin 36/Pin 2): Temperature Indication Pin. TEMP
outputs a voltage of 220mV (typical) at 25°C. The TEMP
voltage increases by 7mV/°C (typical) at higher tempera-
tures giving an external indication of the LTC3371 internal
die temperature.
RST1 (Pin 37/Pin 3): Buck Regulator 1 Reset Pin (Active
Low). Open-drain output. When Buck 1 is disabled or
its regulated output voltage is more than 2% below its
programmed level, this pin is driven low. Assertion delay
is scaled by the CT capacitor.
EN1 (Pin 38/Pin 4): Buck Regulator 1 Enable Input. Active
high. Do not float.
GND (Exposed Pad Pin 39): Ground. The exposed pad
must be connected to a continuous printed circuit board
ground plane directly under the LTC3371.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com