Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3371 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3371 Datasheet HTML 16Page - Linear Technology LTC3371 Datasheet HTML 17Page - Linear Technology LTC3371 Datasheet HTML 18Page - Linear Technology LTC3371 Datasheet HTML 19Page - Linear Technology LTC3371 Datasheet HTML 20Page - Linear Technology LTC3371 Datasheet HTML 21Page - Linear Technology LTC3371 Datasheet HTML 22Page - Linear Technology LTC3371 Datasheet HTML 23Page - Linear Technology LTC3371 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTC3371
20
3371fb
For more information www.linear.com/LTC3371
APPLICATIONS INFORMATION
PCB Considerations
When laying out the printed circuit board, the following list
shouldbefollowedtoensureproperoperationoftheLTC3371:
1. Theexposedpadofthepackage(Pin39)shouldconnect
directly to a large ground plane to minimize thermal and
electrical impedance.
2. Each of the input supply pins should have a decoupling
capacitor.
3. Theconnectionstotheswitchingregulatorinputsupply
pins and their respective decoupling capacitors should
be kept as short as possible. The GND side of these
capacitors should connect directly to the ground plane
of the part. These capacitors provide the AC current
to the internal power MOSFETs and their drivers. It is
importanttominimizeinductancefromthesecapacitors
to the VIN pins of the LTC3371.
4. The switching power traces connecting SWA, SWB,
SWC, SWD, SWE, SWF, SWG, and SWH to the inductors
shouldbeminimizedtoreduceradiatedEMIandparasitic
coupling. Due to the large voltage swing of the switching
nodes,highinputimpedancesensitivenodes,suchasthe
feedbacknodes,shouldbekeptfarawayorshieldedfrom
the switching nodes or poor performance could result.
5. The GND side of the switching regulator output capaci-
torsshouldconnectdirectlytothethermalgroundplane
of the part. Minimize the trace length from the output
capacitor to the inductor(s)/pin(s).
6. In a multiple power stage buck regulator application
the trace length of switch nodes to the inductor must
be kept equal to ensure proper operation.
7. Care should be taken to minimize capacitance on the
TEMP pin. If the TEMP voltage must drive more than
~30pF, then the pin should be isolated with a resistor
placed close to the pin of a value between 10k and 100k.
Keep in mind that any load on the isolation resistor will
create a proportional error.
TYPICAL APPLICATIONS
LTC3371
EXPOSED PAD
2.2µH
VINA
VINB
SWA
SWB
FB1
VING
VINH
SWG
SWH
FB4
VINC
VIND
SWC
SWD
FB2
VINE
VINF
SWE
SWF
FB3
3371 TA02
2.2µH
806k
649k
232k
464k
22µF
2.25V TO 5.5V
1.8V
2A
1.2V
2A
47µF
47µF
22µF
2.25V TO 5.5V
402k
RT
EN1
EN2
EN3
EN4
PLL/MODE
C1
C2
C3
VCC
RST1
RST2
RST3
RST4
WDO
WDI
TEMP
CT
MICROPROCESSOR
CONTROL
2.7V TO 5.5V
MICROPROCESSOR
CONTROL
10µF
2.2µH
2.2µH
511k
162k
1M
665k
309k
22µF
2.5V TO 5.5V
3.3V
2A
2.5V
2A
47µF
47µF
22µF
3.3V TO 5.5V
4 × 2A Quad Buck Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com