Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3374A Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3374A
Description  High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3374A Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3374A Datasheet HTML 16Page - Linear Technology LTC3374A Datasheet HTML 17Page - Linear Technology LTC3374A Datasheet HTML 18Page - Linear Technology LTC3374A Datasheet HTML 19Page - Linear Technology LTC3374A Datasheet HTML 20Page - Linear Technology LTC3374A Datasheet HTML 21Page - Linear Technology LTC3374A Datasheet HTML 22Page - Linear Technology LTC3374A Datasheet HTML 23Page - Linear Technology LTC3374A Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3374A
21
3374af
For more information www.linear.com/LTC3374A
applicaTions inForMaTion
Figure 5. Combined Buck Regulators with Common Input Supply (4A, 3A, 1A)
LTC3374A
EXPOSED PAD
0.82µH
VIN1
SW1
SW2
SW3
SW4
FB1
VIN6
SW8
SW7
SW6
FB6
3374A F05
0.6µH
655k
309k
232k
464k
2.5V
3A
1.2V
4A
2.7V TO 5.5V
100µF
68µF
10µF
10µF
10µF
10µF
10µF
10µF
10µF
10µF
VIN2
FB2
VIN7
FB7
VIN3
FB3
VIN8
FB8
2.2µH
VIN4
FB4
RT
EN2
EN3
EN4
EN7
EN8
EN1
EN5
EN6
SYNC
MODE
VIN5
SW5
FB5
PGOOD_ALL
TEMP
VCC
MICROPROCESSOR
CONTROL
590k
475k
1.8V
1A
22µF
10µF
MICROPROCESSOR
CONTROL
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com