Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3374A Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3374A
Description  High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3374A Datasheet(HTML) 4 Page - Linear Technology

  LTC3374A Datasheet HTML 1Page - Linear Technology LTC3374A Datasheet HTML 2Page - Linear Technology LTC3374A Datasheet HTML 3Page - Linear Technology LTC3374A Datasheet HTML 4Page - Linear Technology LTC3374A Datasheet HTML 5Page - Linear Technology LTC3374A Datasheet HTML 6Page - Linear Technology LTC3374A Datasheet HTML 7Page - Linear Technology LTC3374A Datasheet HTML 8Page - Linear Technology LTC3374A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3374A
4
3374af
For more information www.linear.com/LTC3374A
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = VIN1-8 = 3.3V, unless otherwise specified.
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3374A is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3374AE is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3374AI is guaranteed over the –40°C to 125°C operating junction
temperature range and the LTC3374AH is guaranteed over the –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes; operating lifetime is derated for junction
temperatures greater than 125°C. Note that the maximum ambient
temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal impedance, and other environmental factors. The junction
temperature (TJ in °C) is calculated from ambient temperature (TA in °C)
and power dissipation (PD in Watts) according to the formula:
TJ = TA + (PD • θJA)
where θJA (in °C/W) is the package thermal impedance.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Monitor
VTEMP
TEMP Voltage at 25°C
VTEMP Slope
200
220
7
240
mV
mV/°C
OT
Overtemperature Shutdown (Note 3)
Temperature Rising
Hysteresis
170
10
°C
°C
Interface Logic Pins
IOH
Output High Leakage Current
5.5V at the PGOOD_ALL Pin
–1
0
1
µA
VOL
Output Low Voltage
3mA into the PGOOD_ALL Pin
0.1
0.4
V
VIH
Input High Threshold
MODE Pin
l
1.2
V
VIL
Input Low Threshold
MODE Pin
l
0.4
V
IIH
Input High Leakage Current
MODE, EN1-8
–100
0
100
nA
IIL
Input Low Leakage Current
MODE, EN1-8
–100
0
100
nA
EN Rising Threshold
First Regulator Turning On
One Regulator Already in Use
l
l
400
380
730
400
1200
420
mV
mV
EN Falling Threshold
l
300
320
340
mV
Note 3: The LTC3374A includes overtemperature protection which
protects the device during momentary overload conditions. Junction
temperatures will exceed 150°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 4: Static current, switches not switching. Actual current may be
higher due to gate charge losses at the switching frequency.
Note 5: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the maximum specified pin current rating may result in device
degradation over time.
Note 6: The Soft-Start Time is the time from the start of switching until the
FB pin reaches 775mV. When a buck is enabled there is a 100μs (typical)
delay before switching commences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com