Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7150S Datasheet(PDF) 4 Page - Linear Technology

Part # LTC7150S
Description  20V, 20A Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7150S Datasheet(HTML) 4 Page - Linear Technology

  LTC7150S Datasheet HTML 1Page - Linear Technology LTC7150S Datasheet HTML 2Page - Linear Technology LTC7150S Datasheet HTML 3Page - Linear Technology LTC7150S Datasheet HTML 4Page - Linear Technology LTC7150S Datasheet HTML 5Page - Linear Technology LTC7150S Datasheet HTML 6Page - Linear Technology LTC7150S Datasheet HTML 7Page - Linear Technology LTC7150S Datasheet HTML 8Page - Linear Technology LTC7150S Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC7150S
4
7150sfa
For more information www.linear.com/LTC7150S
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IMODE/SYNC
MODE/SYNC Current
MODE/SYNC = 0V
6
14
µA
VCLKOUT
Clock Output High Voltage
Clock Output Low Voltage
VINTVCC – 0.2 VINTVCC
0
0.2
V
V
PHMODE
PHMODE Threshold
180° (2-Phase)
90° (4-Phase)
120° (3-Phase)
VINTVCC – 0.1
1.0
VINTVCC – 1
0.1
V
V
V
VINOV
VIN Overvoltage Threshold
VIN Rising
VIN Falling
22.5
20
24.5
21.5
26.5
23
V
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7150S is tested under pulsed load conditions such
that TJ ≈ TA. The LTC7150SE is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC7150SI is guaranteed over the –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors. The junction temperature
(TJ, in °C) is calculated from the ambient temperature (TA, in °C) and
power dissipation (PD, in Watts) according to the formula:
TJ = TA + (PD • θJA),
where
θJA (in °C/W) is the package thermal impedance.
Note 3: The quiescent current in forced continuous mode does not include
switching loss of the power FETs.
Note 4: The LTC7150S is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VFB.
Note 5: There is additional switch current due to internal resistor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com