Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7150S Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7150S
Description  20V, 20A Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7150S Datasheet(HTML) 1 Page - Linear Technology

  LTC7150S Datasheet HTML 1Page - Linear Technology LTC7150S Datasheet HTML 2Page - Linear Technology LTC7150S Datasheet HTML 3Page - Linear Technology LTC7150S Datasheet HTML 4Page - Linear Technology LTC7150S Datasheet HTML 5Page - Linear Technology LTC7150S Datasheet HTML 6Page - Linear Technology LTC7150S Datasheet HTML 7Page - Linear Technology LTC7150S Datasheet HTML 8Page - Linear Technology LTC7150S Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC7150S
1
7150sfa
For more information www.linear.com/LTC7150S
TYPICAL APPLICATION
FEATURES
DESCRIPTION
20V, 20A Synchronous
Step-Down Regulator
TheLTC®7150Sisahighefficiencymonolithicsynchronous
buckregulatorcapableofdelivering20Atotheload.Ituses
a phase lockable controlled on-time constant frequency,
current mode architecture. PolyPhase operation allows
multiple LTC7150S regulators to run out-of-phase, which
reducestheamountofinputandoutputcapacitorsrequired.
The operating supply voltage range is from 3.1V to 20V.
The operating frequency is programmable from 400kHz
to 3MHz with an external resistor. The high frequency ca-
pability allows the use of physically smaller inductor and
capacitorsizes.Forswitchingnoisesensitiveapplications,
theLTC7150Scanbeexternallysynchronizedfrom400kHz
to 3MHz. The PHMODE pin allows the user control of the
phase of the outgoing clock signal. The unique constant
frequency/controlled on-time architecture is ideal for
high step-down ratio applications that operate at high
frequencies while demanding fast transient response.
The LTC7150S uses second generation Silent Switcher
technology including integrated bypass capacitors to
deliver a highly efficient solution at high frequencies with
excellent EMI performance.
12VIN to 1.2VOUT Application
APPLICATIONS
n
Silent Switcher®2 Architecture for Low EMI
n
VIN Range: 3.1V to 20V
n
VOUT Range: 0.6V to 5.5V
n
Differential VOUT Remote Sense
n
Adjustable Frequency: 400kHz to 3MHz
n
PolyPhase® Operation: Up to 12 Phases
n
Output Tracking and Soft-Start
n
Reference Accuracy: 0.6V ±1% Over Temperature
n
Current Mode Operation for Excellent Line and Load
Transient Response
n
Accurate 1.2V Run Pin Threshold
n
Supports Forced Continuous/Discontinuous Modes
n
42-Lead 6mm × 5mm × 1.3mm BGA Package
n
Server Power Applications
n
Distributed Power Systems
n
Point of Load Supply for ASIC, FPGA, DSP, µP, etc.
All registered trademarks and trademarks are the property of their respective owners.
Efficiency and Power Loss
SVIN = 5V
IOUT (A)
0
4
8
12
16
20
70
75
80
85
90
95
100
0
2
4
6
8
10
12
7150S TA01b
7150S TA01a
RUN
PVIN
SVIN
SW
FB
PHMODE
TRACK/SS
CLKOUT
INTVCC
VOUT–
PGOOD
MODE/SYNC
SGND
LTC7150S
22µF
×2
VIN
3.1V TO 20V
0.25µH
RT
ITH
4.7µF
162k
10k
1nF
22pF
10k
10k
100µF
×2
330µF
VOUT
1.2V/20A
+


Similar Part No. - LTC7150S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7150S LINER-LTC7150S Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC7150S AD-LTC7150S Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC7150S AD-LTC7150S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LTC7150S AD-LTC7150S Datasheet
1Mb / 38P
Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
LTC7150S AD-LTC7150S Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
04/18-REV.A
More results

Similar Description - LTC7150S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633A LINER-LTC3633A Datasheet
627Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
20V, 5A Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A_15 Datasheet
412Kb / 30P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-1 LINER-LTC3633A-1_15 Datasheet
412Kb / 30P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2_15 Datasheet
419Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-3 LINER-LTC3633A-3_15 Datasheet
419Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
Synchronous Step-Down Regulator
logo
Linear Technology
LTC3633AEFE-3 LINER-LTC3633AEFE-3 Datasheet
542Kb / 8P
DUAL CHANNEL 3A 20V MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR
LTC3636 LINER-LTC3636 Datasheet
927Kb / 28P
Dual Channel 6A, 20V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com