Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7801EUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7801EUFD
Description  High Input Voltage Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7801EUFD Datasheet(HTML) 1 Page - Linear Technology

  LTC7801EUFD Datasheet HTML 1Page - Linear Technology LTC7801EUFD Datasheet HTML 2Page - Linear Technology LTC7801EUFD Datasheet HTML 3Page - Linear Technology LTC7801EUFD Datasheet HTML 4Page - Linear Technology LTC7801EUFD Datasheet HTML 5Page - Linear Technology LTC7801EUFD Datasheet HTML 6Page - Linear Technology LTC7801EUFD Datasheet HTML 7Page - Linear Technology LTC7801EUFD Datasheet HTML 8Page - Linear Technology LTC7801EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
dc2641af
DEMO MANUAL DC2641A
DESCRIPTION
LTC7801EUFD
High Input Voltage
Synchronous Buck Converter
Demonstration circuit 2641A is a single output synchro-
nous buck converter featuring the LTC7801EUFD in the
24-lead QFN package. The input voltage range is from
16V to 100V and the output is 12V/10A. The DC2641A is
configured with a sense resistor for overcurrent protec-
tion. Inductor DCR current sensing is optional.
The board has a lot of features including an optional
onboard NMOS LDO for DRVCC, a switch-mode power
supply for EXTVCC, jumper selectable 100% duty cycle
operation in dropout, a mode selector pin that allows
the converter to run in CCM, pulse-skip, adjustable burst
L
, LT, LTC, LTM, Linear Technology, Burst Mode, PolyPhase and the Linear logo are registered
trademarks of Analog Devices, Inc. All other trademarks are the property of their respective
owners.
PERFORMANCE SUMMARY
clamp or default Burst Mode® operation, a PGOOD output
voltage monitor and PLLIN for PolyPhase® operation.
The LTC7801 data sheet gives a complete description
of the part, operation and application information and
must be read in conjunction with this demo manual for
DC2641A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2641A
Specifications are at TA = 25°C
PARAMETER
CONDITIONS
VALUE
Input Voltage Range
16V ~ 100V
Output Voltage VOUT
VIN = 16~100V, IOUT = 0~10A, JP4: FCM
12V ± 2% (11.76V ~ 12.24V)
Maximum Output Current IOUT,MAX
VIN = 16~100V
10A
Default Operating Frequency (Typical)
150kHz
External Clock Sync. Frequency Range
75kHz – 850kHz
Typical Full Load Efficiency (See Figure 4)
VIN = 48V, VOUT = 12V, IOUT = 10A, fSW = 150 kHz
95.3%


Similar Part No. - LTC7801EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7801 LINER-LTC7801 Datasheet
1Mb / 32P
Low IQ, 60V, High Frequency Synchronous Step-Down Controller
LTC7801 LINER-LTC7801 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
LTC7801 AD-LTC7801 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC7801 AD-LTC7801 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
LTC7801 AD-LTC7801 Datasheet
2Mb / 42P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
More results

Similar Description - LTC7801EUFD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
Input High-Current Synchronous Buck SWIFT Converter
logo
ON Semiconductor
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
High Input Voltage Synchronous Buck Converter
logo
Analog Devices
DC2641A AD-DC2641A Datasheet
777Kb / 10P
High Input Voltage Synchronous Buck Converter
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com