Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7801EUFD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7801EUFD
Description  High Input Voltage Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7801EUFD Datasheet(HTML) 2 Page - Linear Technology

  LTC7801EUFD Datasheet HTML 1Page - Linear Technology LTC7801EUFD Datasheet HTML 2Page - Linear Technology LTC7801EUFD Datasheet HTML 3Page - Linear Technology LTC7801EUFD Datasheet HTML 4Page - Linear Technology LTC7801EUFD Datasheet HTML 5Page - Linear Technology LTC7801EUFD Datasheet HTML 6Page - Linear Technology LTC7801EUFD Datasheet HTML 7Page - Linear Technology LTC7801EUFD Datasheet HTML 8Page - Linear Technology LTC7801EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc2641af
DEMO MANUAL DC2641A
QUICK START PROCEDURE
Demonstration circuit DC2641A is easy to set up to
evaluate the performance of the LTC7801EUFD. Refer to
Figure 1 for proper measurement equipment setup and
follow the procedure below:
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VIN
or VOUT and GND terminals or directly across relevant
capacitor. See Figure 2 for proper scope probe technique.
1. Place jumpers in the following positions:
JP1 ON
JP4 FCM
JP5 ON
JP8 OFF
2. With power off, connect the input power supply to VIN
and GND.
3. Turn on the power at the input.
NOTE: Make sure that the input voltage is higher than
16V and does not exceed 100V.
4. Check the output voltage. The output voltage should
be between 11.76V and 12.24V.
Once the proper output voltage is established, adjust
the load within the operating range and observe the
output voltage regulation, output voltage ripple, effi-
ciency and other parameters.
NOTE: If there is no output, temporarily disconnect the
load to make sure that the load is not set too high.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com