Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2540 Datasheet(PDF) 14 Page - ams AG

Part # AS2540
Description  Remote Controlled Single-Chip-Telephone
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540 Datasheet(HTML) 14 Page - ams AG

Back Button AS2540 Datasheet HTML 10Page - ams AG AS2540 Datasheet HTML 11Page - ams AG AS2540 Datasheet HTML 12Page - ams AG AS2540 Datasheet HTML 13Page - ams AG AS2540 Datasheet HTML 14Page - ams AG AS2540 Datasheet HTML 15Page - ams AG AS2540 Datasheet HTML 16Page - ams AG AS2540 Datasheet HTML 17Page - ams AG AS2540 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 14 of 18
Serial Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
tRXD-r
RXD signal rise time
Vdd=4V,RPull-up=1.2k
Ω
30
µs
N
tRXD-f
RXD signal fall time
30
µs
N
Vcomp
Input comparator level at
RXD
Vdd/2
V
N
BRRXD
RXD baud rate
+/-2%
9600
bps
N
BRTXD
TXD baud rate
+/-2%
9600
bps
Y
Miscellaneous
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
tD
Key Debouce Time
15
ms
N
ttime-out
Watch-dog Timer
2400
ms
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com