Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2540 Datasheet(PDF) 16 Page - ams AG

Part # AS2540
Description  Remote Controlled Single-Chip-Telephone
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540 Datasheet(HTML) 16 Page - ams AG

Back Button AS2540 Datasheet HTML 10Page - ams AG AS2540 Datasheet HTML 11Page - ams AG AS2540 Datasheet HTML 12Page - ams AG AS2540 Datasheet HTML 13Page - ams AG AS2540 Datasheet HTML 14Page - ams AG AS2540 Datasheet HTML 15Page - ams AG AS2540 Datasheet HTML 16Page - ams AG AS2540 Datasheet HTML 17Page - ams AG AS2540 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 16 of 18
Test Circuit
R7
9k
C3
10u
AC
R5
100
R6
300
C9
100u
R11
330k
C4
100u
Y1
3.58MHz
C1
100n
R4
30
R10
330k
D1
10V
AC
D2
5V6
C11
10n
C7
1u
ILine
U1
AS2540
15
7
5
6
2
3
8
16
17
18
28
26
27
19
20
21
22
23
24
10
1
9
13
14
RFD
LS
LI
RI
STB
CS
CI
DPn
EHS
MHS
MO
RxD
TxD
MODE
R1
R2
C1
C2
C3
ROT
TIT
ROH
M1
M2
C5
100n
C8
10u
R8
600
R1
330k
R9
6k
Q1
BC327
C6
100u
AC
R2
1k
C2
100n
R3
140
AS2540
C10
22u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com