Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8375ACPZ-R7
Description  Ultralow Distortion IF VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8375ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8375
Rev. B | Page 17 of 24
LAYOUT CONSIDERATIONS
There are two output pins for each polarity, and they are
oriented in an alternating fashion. When designing the board,
care should be taken to minimize the parasitic capacitance due
to the routing that connects the corresponding outputs together.
A good practice is to avoid any ground or power plane under
this routing region and under the chokes to minimize the
parasitic capacitance.
CHARACTERIZATION TEST CIRCUITS
Differential-to-Differential Characterization
The S-parameter characterization for the AD8375 was
performed using a dedicated differential input to differential
output characterization board. Figure 44 shows the layout of
characterization board. The board was designed for optimum
impedance matching into a 75 Ω system. Because both the
input and output impedances of the AD8375 are 150 Ω
differentially, 75 Ω impedance runs were used to match 75 Ω
network analyzer port impedances. On-board 1 μH inductors
were used for output biasing, and the output board traces were
designed for minimum capacitance.
0.1µF
0.1µF
L1
1µH
L2
1µH
0.1µF
0.1µF
+5V
5
A0 TO A4
AC
75
Ω TRACES
75
Ω TRACES
75
Ω
75
Ω
75
Ω
75
Ω
AC
AD8375
Figure 42. Test Circuit for S-Parameters on Dedicated 75 Ω
Differential-to-Differential Board
0.1µF
0.1µF
TC3-1T
T1
0.1µF
0.1µF
330
Ω
330
Ω
25
Ω
25
Ω
50
Ω
+9V
5
A0 TO A4
50
Ω
96
Ω
96
Ω
AC
AD8375
Figure 43. Test Circuit for Time Domain Measurements
Figure 44. Differential-to-Differential Characterization Board
Circuit Side Layout
C1
0.1µF
C2
0.1µF
TC3-1T
AD8375
T1
L1
1µH
L2
1µH
C3
0.1µF
C4
0.1µF
R1
62
Ω
R2
62
Ω
R4
25
Ω
R3
25
Ω
ETC1-1-13
T2
50
Ω
PAD LOSS = 11dB
+5V
5
A0 TO A4
50
Ω
AC
Figure 45. Test Circuit for Distortion, Gain, and Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com