Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8375ACPZ-R7
Description  Ultralow Distortion IF VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8375ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8375ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8375
Data Sheet
Rev. B | Page 18 of 24
EVALUATION BOARD
Figure 46 shows the schematic of the AD8375 evaluation board.
The silkscreen and layout of the component and circuit sides
are shown in Figure 47 through Figure 50. The board is powered
by a single supply in the 4.5 V to 5.5 V range. The power supply
is decoupled by 10 µF and 0.1 µF capacitors at each power supply
pin. Additional decoupling, in the form of a series resistor or
inductor at the supply pins, can also be added. Table 6 details
the various configuration options of the evaluation board.
The output pins of the AD8375 require supply biasing with
1 µH RF chokes. Both the input and output pins must be ac-
coupled. These pins are converted to single-ended with a pair of
baluns (Mini-Circuits TC3-1T+ and M/A-COM ETC1-1-13).
The balun at the input, T1, is used to transform a 50 Ω source
impedance to the desired 150 Ω reference level. The output
balun, T3, and the matching components are configured to
provide a 150 Ω to 50 Ω impedance transformation with an
insertion loss of about 11 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com