Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5541ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5541ACPZ-R7
Description  RF/IF Gain Block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5541ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
ADL5541
TYPICAL SCATTERING PARAMETERS
VPOS = 5 V and TA = 25°C, the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Freq. (MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
50
−18.11
−134.53
16.29
+166.36
−19.15
+3.84
−17.89
−134.08
100
−20.84
−161.29
15.93
+168.53
−18.82
+2.26
−22.24
−155.22
500
−27.69
+115.36
15.58
+154.53
−18.70
−13.59
−24.96
+176.64
900
−27.48
+101.79
15.52
+136.22
−18.70
−26.33
−22.38
+173.92
1000
−26.87
+91.91
15.56
+131.64
−18.64
−29.43
−23.15
+174.28
1500
−29.18
−107.74
15.50
+108.03
−18.64
−44.69
−19.35
+167.80
2000
−17.88
−153.68
15.51
+84.72
−18.43
−60.42
−14.13
+176.19
2500
−9.87
+169.30
15.57
+59.74
−18.32
−75.48
−9.89
+161.55
3000
−7.92
+142.75
15.49
+35.05
−17.93
−92.29
−8.69
+138.18
3500
−7.74
+117.57
15.21
+9.15
−18.14
−110.62
−11.02
+100.39
4000
−10.85
+116.84
14.82
−16.13
−18.11
−125.08
−15.70
+6.37
4500
−13.25
+136.93
15.23
−41.75
−17.54
−142.99
−7.83
−80.59
5000
−13.97
+143.02
14.56
−68.15
−17.64
−161.24
−6.87
−112.39
5500
−13.68
−121.08
13.89
−96.10
−17.47
+178.77
−11.66
−102.32
6000
−4.52
−138.62
12.07
−123.56
−18.61
+157.35
−7.66
−54.40
Rev. B | Page 5 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com