Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5541ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5541ACPZ-R7
Description  RF/IF Gain Block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5541ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
20 MHz to 6 GHz
RF/IF Gain Block
Data Sheet
ADL5541
FEATURES
Fixed gain of 15 dB
Operation up to 6 GHz
Input/output internally matched to 50 Ω
Integrated bias control circuit
Output IP3
44 dBm at 500 MHz
40 dBm at 900 MHz
Output 1 dB compression: 19.7 dBm at 900 MHz
Noise figure of 3.5 dB at 900 MHz
Single 5 V power supply
Small footprint 8-lead LFCSP
Pin compatible with 20 dB gain ADL5542
1 kV ESD (Class 1C)
FUNCTIONAL BLOCK DIAGRAM
GND
GND
RFIN
RFOUT
GND
GND
CB
VPOS
INPUT
MATCH
OUTPUT
MATCH
BIAS CONTROL
ADL5541
1
2
3
4
8
7
6
5
Figure 1.
GENERAL DESCRIPTION
The ADL5541 is a broadband 15 dB linear amplifier that operates
at frequencies up to 6 GHz. The device can be used in a wide
variety of CATV, cellular, and instrumentation equipment.
The ADL5541 provides a gain of 15 dB, which is stable over
frequency, temperature, power supply, and from device to
device. The device is internally matched to 50 Ω with an input
return loss of 10 dB or better up to 6 GHz. Only input/output
ac coupling capacitors, power supply decoupling capacitors, and
an external inductor are required for operation.
The ADL5541 is fabricated on an InGaP HBT process and has
an ESD rating of 1 kV (Class 1C). The device is packaged in a
3 mm × 3 mm LFCSP that uses an exposed paddle for excellent
thermal impedance.
The ADL5541 consumes 90 mA on a single 5 V supply and
is fully specified for operation from −40°C to +85°C.
A fully populated RoHS-compliant evaluation board is
available.
The ADL5542 is a companion part that offers a gain of 20 dB
in a pin-compatible package.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADL5541ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5541ACPZ-R7 AD-ADL5541ACPZ-R7 Datasheet
285Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. 0
More results

Similar Description - ADL5541ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
30 MHz to 6 GHz RF/IF Gain Block
REV. A
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
Gain Block IF Amplifier
logo
Analog Devices
ADL5542 AD-ADL5542_1 Datasheet
273Kb / 13P
RF/IF Gain Block
2/15-Rev. B to Rev. C
ADL5602 AD-ADL5602_13 Datasheet
322Kb / 16P
RF/IF Gain Block
11/13-Rev. 0 to Rev. A
ADL5610 AD-ADL5610_15 Datasheet
438Kb / 16P
RF/IF Gain Block
12/15-Rev. A to Rev. B
ADL5611 AD-ADL5611_15 Datasheet
402Kb / 16P
RF/IF Gain Block
12/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com