Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0797 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR0797
Description  65-300 MHZ SIGE IF RECEIVER DEMODULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0797 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR0797 Datasheet HTML 1Page - ATMEL Corporation ATR0797 Datasheet HTML 2Page - ATMEL Corporation ATR0797 Datasheet HTML 3Page - ATMEL Corporation ATR0797 Datasheet HTML 4Page - ATMEL Corporation ATR0797 Datasheet HTML 5Page - ATMEL Corporation ATR0797 Datasheet HTML 6Page - ATMEL Corporation ATR0797 Datasheet HTML 7Page - ATMEL Corporation ATR0797 Datasheet HTML 8Page - ATMEL Corporation ATR0797 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ATR0797
4665D–SIGE–08/04
Pin Configuration
Figure 2. Pinning
BBQP
BBQN
VCC
LOP
LON
GND
VCC
IFN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BBIN
BBIP
VCC
GC2
GC1
GND
VCC
IFP
Pin Description
Pin
Symbol
Function
1
BBIN
Baseband I-axis negative output, self biasing
2
BBIP
Baseband I-axis positive output, self biasing
3
VCC
5 V power supply
4
GC2
Gain control input, stage 2, 5 V CMOS levels
5
GC1
Gain control input, stage 1, 5 V CMOS levels
6
GND
Ground
7
VCC
5 V power supply
8
IFP
IF positive input, self biasing, AC-coupled
9
IFN
IF negative input, self biasing, AC-coupled
10
VCC
5 V power supply
11
GND
Ground
12
LON
Local oscillator, negative input, self biasing, AC-coupled
13
LOP
Local oscillator, positive input, self biasing, AC-coupled
14
VCC
5 V power supply
15
BBQN
Baseband Q-axis negative output, self biasing
16
BBQP
Baseband Q-axis positive output, self biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com