Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0797 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0797
Description  65-300 MHZ SIGE IF RECEIVER DEMODULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0797 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0797 Datasheet HTML 1Page - ATMEL Corporation ATR0797 Datasheet HTML 2Page - ATMEL Corporation ATR0797 Datasheet HTML 3Page - ATMEL Corporation ATR0797 Datasheet HTML 4Page - ATMEL Corporation ATR0797 Datasheet HTML 5Page - ATMEL Corporation ATR0797 Datasheet HTML 6Page - ATMEL Corporation ATR0797 Datasheet HTML 7Page - ATMEL Corporation ATR0797 Datasheet HTML 8Page - ATMEL Corporation ATR0797 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ATR0797
4665D–SIGE–08/04
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All voltages are referred to GND.
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
5.5
V
LO input
LOP, LON
10
dBm
IF input
IFN, IFP
10
V
Operating temperature
T
OP
-40 to +85
°C
Storage temperature
T
stg
-65 to +150
°C
Note:
The device may not survive all maximums applied simultaneously.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
35
K/W
Electrical Characteristics
Test conditions: V
CC = 5 V, Tamb = 25°C, LO input: 0 dBm at 200 MHz
IF input: at 200.1 MHz, GC1 = 0, GC2 = 0; 0 dBm
IF input: at 200.1 MHz, GC1 = 1, GC2 = 0; -20 dBm
IF input: at 200.1 MHz, GC1 = 1, GC2 = 1; -40 dBm
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type
(1)
1
IF Input (I/Q Mixing to Baseband)
1.1
Frequency range
8-9
f
65
120 -
220
300
MHz
B
1.2
IF input return loss
50
Ω nominal
differential input
(2)
8-9
RL
20
dB
D
1.3
IF input common
mode voltage
Internally generated
8, 9
V
CH
2V
1.4
Gain
Gain set = high;
GC1 = GC2 = 1
2-1,
16-15
G32
35
38
dB
A
1.5
Input P1dB
1, 2,
15, 16
P1dB
-29
-27
dBm
C
1.6
DSB Noise figure
2-1,
16-15
NF
11
dB
D
1.7
Gain
Gain set = medium;
GC1 = 1; GC2 = 0 or
GC1 = 0; GC2 = 1
2-1,
16-15
G12
15
17
dB
A
1.8
Input P1dB
1, 2,
15, 16
P1dB
-8
-6
dBm
C
1.9
DSB Noise figure
2-1,
16-15
NF
14.5
dB
D
Notes:
1. Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
2. The parasitic inductance of the package, the board, and L5, L6 must be matched out at the center frequency with a series
capacitor to achieve 20 dB of port match.
3. The parasitic inductance of the package must be matched out to reach 20 dB port match above 100 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com