Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4034GS
Description  85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 4Page - Monolithic Power Systems MP4034GS Datasheet HTML 5Page - Monolithic Power Systems MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems MP4034GS Datasheet HTML 10Page - Monolithic Power Systems MP4034GS Datasheet HTML 11Page - Monolithic Power Systems MP4034GS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
EV4034-S-00A – UNIVERSAL INPUT, 5W, GU10 LED DRIVER
EV4034-S-00A Rev.1.0
www.MonolithicPower.com
8
12/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Winding Order
Winding No.
Tape Layer Number
Start & End
Magnet Wire
Φ(mm)
Turns
N1
1
2→1
0.15mm * 1
103
N2
1
4→5
0.15mm * 1
16
N3
1
5→NC
0.15mm * 1
16
N4
3
A→B
0.2mm * 1 TIW
53
Electrical Specifications
Electrical Strength
60 second, 60Hz, from PRI. to SEC.
3500VAC
60 second, 60Hz, from PRI. to CORE.
500VAC
60 second, 60Hz, from SEC. to CORE.
3000VAC
Primary Inductance
Pins 1 - 2, all other windings open, measured at 50kHz, 0.1
VRMS
1.2mH±8%
Primary Leakage Inductance
Pins 1 - 2 with all other pins shorted, measured at 50kHz.
0.1 VRMS
36μH±10%
Materials
Item
Description
1
Core: EE13, UI=2500±25%, AL=108.4nH/N
2±3% GAPPED, ACME P4 or equivalent
2
Bobbin: EE13, 5+5PIN 1 SECT TH, UL94V-0
3
Wire:Φ0.15mm,, 2UEW, Class B
4
Triple Insulation Wire: Φ0.20mm TRW
5
Tape: 8.0mm(W)×0.06mm(TH)
6
Varnish: JOHN C. DOLPH CO, BC-346A or equivalent
7
Solder Bar: CHEN NAN: SN99.5/Cu0.5 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com