Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4034GS
Description  85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems MP4034GS Datasheet HTML 10Page - Monolithic Power Systems MP4034GS Datasheet HTML 11Page - Monolithic Power Systems MP4034GS Datasheet HTML 12Page - Monolithic Power Systems MP4034GS Datasheet HTML 13Page - Monolithic Power Systems MP4034GS Datasheet HTML 14Page - Monolithic Power Systems MP4034GS Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
EV4034-S-00A – UNIVERSAL INPUT, 5W, GU10 LED DRIVER
EV4034-S-00A Rev.1.0
www.MonolithicPower.com
13
12/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN=110VAC/60Hz, 13 LEDs in series, ILED=130mA, VOUT=39V, LP=1.2mH, NP:NS:NAUX =103:53:16
Steady State
Turn On Delay
Output Rise Time
Output Ripple
SCP Enter
SCP Recovery
SCP Steady State
SCP Start Up
VDS
100V/div.
VCC
10V/div.
VOUT
50V/div.
ILED
100mA/div.
VDS
100V/div.
VCC
10V/div.
VOUT
20V/div.
ILED
100mA/div.
VDS
100V/div.
VCC
10V/div.
VOUT
20V/div.
ILED
100mA/div.
VDS
100V/div.
VCC
10V/div.
VOUT
20V/div.
ILED
100mA/div.
VDS
100V/div.
VCC
10V/div.
VOUT
20V/div.
ILED
100mA/div.
VDS
100V/div.
VCC
10V/div.
VOUT
20V/div.
ILED
100mA/div.
VOUT
1V/div.
ILED
10mA/div.
VDS
100V/div.
VCC
10V/div.
VOUT
50V/div.
ILED
100mA/div.
VDS
100V/div.
VCC
10V/div.
VOUT
20V/div.
ILED
100mA/div.
Lamp Open Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com