Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4034GS
Description  85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4034GS Datasheet HTML 1Page - Monolithic Power Systems MP4034GS Datasheet HTML 2Page - Monolithic Power Systems MP4034GS Datasheet HTML 3Page - Monolithic Power Systems MP4034GS Datasheet HTML 4Page - Monolithic Power Systems MP4034GS Datasheet HTML 5Page - Monolithic Power Systems MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
EV4034-S-00B
– UNIVERSAL INPUT, 3.5W, GU10 LED DRIVER
EV4034-S-00B Rev.1.1
www.MonolithicPower.com
5
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
CIRCUIT DESCRIPTION
The EV4034-S-00B is configured for a single-
stage, flyback topology. It uses primary-side-
control to simplify the schematic and reduce
BOM costs. It can also achieve an accurate LED
current.
The input stage consists of FR1 and DB1. FR1
protects against component failure or some
excessive short events, and can restrain the
inrush current.
The
π filter (C1, L1, and C2) guarantees that the
conducted EMI meets the EN55015 standard.
The snubber circuit (R2, R3, D1, and C3)
reduces the drain-source voltage spike.
R4, C4, and D2 provide the VCC power supply.
The resistor divider (R5 and R6) provides open-
lamp protection by sampling the voltage on the
primary auxiliary winding. When an open occurs,
the output voltage remains constant.
CY1 is a Y capacitor that lowers common-mode
noise to ensure a sufficient EMI margin. T1 is the
power transformer, the structure of which is also
very important to pass EMI test.
D3, C5, and R7 compose output circuit. D3 is a
Schottky diode for better efficiency. C5 is a
ceramic capacitor for lower output-voltage ripple
and R7 is the dummy load for open-lamp
protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com