Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4034GS
Description  85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 2Page - Monolithic Power Systems MP4034GS Datasheet HTML 3Page - Monolithic Power Systems MP4034GS Datasheet HTML 4Page - Monolithic Power Systems MP4034GS Datasheet HTML 5Page - Monolithic Power Systems MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems MP4034GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
EV4034-S-00B
– UNIVERSAL INPUT, 3.5W, GU10 LED DRIVER
EV4034-S-00B Rev.1.1
www.MonolithicPower.com
6
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EV4034-S-00B BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer_PN
1
C1
4.7
μF
Electrolytic Capacitor;
400V;
DIP
Lvbaoshi
4.7
μF/400V
1
C2
2.2
μF
Electrolytic Capacitors;
400V;
DIP
Lvbaoshi
2.2
μF/400V
1
C3
2.2nF
Ceramic Capacitor;
630V;X7R
1206
Murata
GRM31BR72J222KW01
1
C4
4.7
μF
Ceramic Capacitor;
50V;X7R;
1206
Murata
GRM31CR71H475KA12L
1
C5
22
μF
Ceramic Capacitor;
16V;X5R
1206
Murata
GRM31CR61C226ME15L
1
CR1
MB6S
Diode;600V;0.5A;
SOIC-4
TaiWan
Semiconductor
MB6S
1
CY1
1nF
Y Capacitor;4kV;20%;
DIP
Hongke
JNK09E102MY02N
1
D1
WSRGC
10MH
Diode;1kV;1A
1206
Zowie
WSRGC10MH
1
D2
SRGC1
0DH
Diode;200V;1A;
1206
Maxmega
SRGC10DH
1
D3
ES1D
Diode;200V;1A;
SMA
Taiwan
Semiconductor
ES1D
1
FR1
10
Fuse Resistor;5%;1W;
DIP
Yageo
FKN1WSJT-52-10R
1
L1
1mH
Inductor;17.4Ω;0.1A
DIP
Bangdayuan
CKL0410-102
1
R1
10kΩ
Film Resistor;1%;1/8W;
0805
Yageo
RC0805FR-0710KL
1
R2
499kΩ
Film Resistor;1%;1/4W;
1206
Yageo
RC1206FR-07499KL
1
R3
510Ω
Film Resistor;5%;1/8W
0805
LIZ
0805 J 510R
1
R4
100Ω
Resistor;5%;1/8W;
0805
Any
CR05T05NJ100R
1
R5
13.3kΩ
Film Resistor;1%;
0603
Yageo
RC0603FR-0713R3L
1
R6
32.4kΩ
Film Resistor;1%;
0603
Yageo
RC0603FR-0732K4L
1
R7
10kΩ
Film Resistor;5%;
0603
Yageo
RC0603JR-0710K
1
T1
1.1mH
EE13;
Np:Np_aux:Ns=95:23:19;
DIP
Yimei
FX0282
1
U1
MP4034
Primary-Side CC
Regulator
SOIC8-7A
MPS
MP4034GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com