Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV233 Datasheet(PDF) 13 Page - THine Electronics, Inc.

Part # THCV233
Description  V-by-One HS High-speed video data transmitter and receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Datasheet(HTML) 13 Page - THine Electronics, Inc.

Back Button THCV233 Datasheet HTML 9Page - THine Electronics, Inc. THCV233 Datasheet HTML 10Page - THine Electronics, Inc. THCV233 Datasheet HTML 11Page - THine Electronics, Inc. THCV233 Datasheet HTML 12Page - THine Electronics, Inc. THCV233 Datasheet HTML 13Page - THine Electronics, Inc. THCV233 Datasheet HTML 14Page - THine Electronics, Inc. THCV233 Datasheet HTML 15Page - THine Electronics, Inc. THCV233 Datasheet HTML 16Page - THine Electronics, Inc. THCV233 Datasheet HTML 17Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
THCV233-THCV234_Rev.3.10_E
Copyright©2018 THine Electronics, Inc.
THine Electronics, Inc.
Security E
13/34
LVDS Mapping
LVDS data (video data, control data, DE) are mapped as Figure 7. TLC[6] is special bit for DE(data enable), and
TLC[5:4] are for control data bits and the other bits are for video data. Among video data there are special
assigned bit ‘CTL’ are defined for the data transmission under DE=low condition.
The number of LVDS channel depends on color depth mode(COL).
TLD[6] is not available in 24bit Data-width mode.
TLA6
Vdiff = (TLCLK +) - (TLCLK-)
TLA5
TLA4
TLA3
TLA2
TLA1
TLA0
TLA6
TLA5
TLA4
TLA3
TLA2
TLA1
tTCIP
Vdiff = 0V
next cycle
current cycle
TLA2
TLA1
previous cycle
TLB6
TLB5
TLB4
TLB3
TLB2
TLB1
TLB0
TLB6
TLB5
TLB4
TLB3
TLB2
TLB1
TLB2
TLB1
TLC6
(DE)
TLC5
(V)
TLC4
(H)
TLC3
TLC2
TLC1
TLC0
TLC3
TLC2
TLC1
TLC2
TLC1
TLD6
TLD5
TLD4
TLD3
TLD2
TLD1
TLD0
TLD6
TLD5
TLD4
TLD3
TLD2
TLD1
TLD2
TLD1
TLE6
TLE5
TLE4
TLE3
TLE2
TLE1
TLE0
TLE6
TLE5
TLE4
TLE3
TLE2
TLE1
TLE2
TLE1
TLA +/-
TLB +/-
TLC +/-
TLD +/-
TLE +/-
Control data bit
Data Enable
TLC6
(DE)
TLC5
(V)
TLC4
(H)
Data width
32, 24
Figure 7 LVDS Data mapping timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com