Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV233 Datasheet(PDF) 20 Page - THine Electronics, Inc.

Part # THCV233
Description  V-by-One HS High-speed video data transmitter and receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Datasheet(HTML) 20 Page - THine Electronics, Inc.

Back Button THCV233 Datasheet HTML 16Page - THine Electronics, Inc. THCV233 Datasheet HTML 17Page - THine Electronics, Inc. THCV233 Datasheet HTML 18Page - THine Electronics, Inc. THCV233 Datasheet HTML 19Page - THine Electronics, Inc. THCV233 Datasheet HTML 20Page - THine Electronics, Inc. THCV233 Datasheet HTML 21Page - THine Electronics, Inc. THCV233 Datasheet HTML 22Page - THine Electronics, Inc. THCV233 Datasheet HTML 23Page - THine Electronics, Inc. THCV233 Datasheet HTML 24Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
THCV233-THCV234_Rev.3.10_E
Copyright©2018 THine Electronics, Inc.
THine Electronics, Inc.
Security E
20/34
9. Operating Conditions
There are two types of operating temperature ranges as shown below.
1. From 0°C to 70°C
2. From -40°C to 105°C
Details are shown in the table below.
Table 15 THCV233 Operating Conditions (0°C≤TMP≤70°C)
Table 16 THCV233 Operating Conditions (-40°C≤TMP≤105°C)
Table 17 THCV234 Operating Conditions (0°C≤TMP≤70°C)
Table 18 THCV234 Operating Conditions (-40°C≤TMP≤105°C)
(1)
Maximum value of LVDS CLK Frequency depends on minimum value of VDL. Refer to Table 1.
Parameter
Symbol
Min.
Typ.
Max.
Units
1.8v Supply Voltage(CAVDL,CPVDL,VDD)
VDL
1.62
1.80
1.98
V
3.3v Supply Voltage(LAVDH)
VDH
3.00
3.30
3.60
V
Operating Temperature
TMP
0
-
70
°C
Parameter
Symbol
Min.
Typ.
Max.
Units
1.8v Supply Voltage(CAVDL,CPVDL,VDD)
VDL
1.62 or 1.70
(1)
1.80
1.98
V
3.3v Supply Voltage(LAVDH)
VDH
3.00
3.30
3.60
V
Operating Temperature
TMP
-40
-
105
°C
Parameter
Symbol
Min.
Typ.
Max.
Units
1.8v Supply Voltage(CAVDL,CPVDL,VDD)
VDL
1.62
1.80
1.98
V
3.3v Supply Voltage(LAVDH)
VDH
3.00
3.30
3.60
V
Operating Temperature
TMP
0
-
70
°C
Parameter
Symbol
Min.
Typ.
Max.
Units
1.8v Supply Voltage(CAVDL,CPVDL,VDD)
VDL
1.70
1.80
1.98
V
3.3v Supply Voltage(LAVDH)
VDH
3.00
3.30
3.60
V
Operating Temperature
TMP
-40
-
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com