Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC034 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC034
Description  SMPTE 292M / 259M Adaptive Cable Equalizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC034 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC034 Datasheet HTML 1Page - National Semiconductor (TI) CLC034 Datasheet HTML 2Page - National Semiconductor (TI) CLC034 Datasheet HTML 3Page - National Semiconductor (TI) CLC034 Datasheet HTML 4Page - National Semiconductor (TI) CLC034 Datasheet HTML 5Page - National Semiconductor (TI) CLC034 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.5V to 3.6V
Input Voltage (all inputs)
−0.3V to V
CC+0.3V
ESD Rating (HBM)
2kV
Recommended Operating
Conditions
Supply Voltage (V
CC –VEE)
3.3V ±5%
Input Coupling Capacitance
1.0 µF
Cable Input Voltage Swing (Note 5)
720 to 880 mV
P-P
Operating Free Air Temperature (T
A)
0˚C to +70˚C
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
V
CMIN
Input Common Mode Voltage
SDI, SDI
1.75
V
V
SDI
Input Voltage Swing
0m cable length, differential,
(Note 6)
720
800
950
mV
P−P
V
CMOUT
Output Common Mode Voltage
SDO, SDO
V
CC –
V
SDO/2
V
V
SDO
Output Voltage Swing
50
Ω load, differential
750
mV
P-P
CLI DC Voltage
0m cable
CLI
2.5
V
no signal
1.9
V
MUTE
REF DC Voltage (floating)
MUTE
REF
1.3
V
MUTE
REF Range
0.69
V
CD/MUTE Output Voltage
Carrier not present
CD/MUTE
2.6
V
Carrier present
1.2
V
CD/MUTE Input Voltage
Min to mute outputs
3.0
V
Max to force outputs active
2.0
V
I
CC
Supply Current
80
90
mA
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com