Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC034 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC034
Description  SMPTE 292M / 259M Adaptive Cable Equalizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC034 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC034 Datasheet HTML 1Page - National Semiconductor (TI) CLC034 Datasheet HTML 2Page - National Semiconductor (TI) CLC034 Datasheet HTML 3Page - National Semiconductor (TI) CLC034 Datasheet HTML 4Page - National Semiconductor (TI) CLC034 Datasheet HTML 5Page - National Semiconductor (TI) CLC034 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CLC034
SMPTE 292M / 259M Adaptive Cable Equalizer
General Description
The CLC034 SMPTE 292M / 259M adaptive cable equalizer
is a monolithic integrated circuit for equalizing data transmit-
ted over cable (or any media with similar dispersive loss
characteristics). The equalizer operates over a wide range of
data rates from 143 Mbps to 1.485 Gbps and supports
SMPTE 292M, SMPTE 344M and SMPTE 259M.
The CLC034 implements DC restoration to correctly handle
pathological data conditions. DC restoration can be by-
passed for low data rate applications. The equalizer is flex-
ible in allowing either single-ended or differential input drive.
Additional features include a combined carrier detect and
output mute pin which mutes the output when no signal is
present. A programmable mute reference is used to mute the
output at a selectable level of signal degradation. A cable
length indicator is provided to determine the amount of cable
being equalized.
Features
n
SMPTE 292M, SMPTE 344M and SMPTE 259M
compliant
n
Supports DVB-ASI at 270Mbps
n
High data rates: 143 Mbps to 1.485 Gbps
n
Equalizes up to 140 meters of Belden 1694A at 1.485
Gbps or up to 350 meters of Belden 1694A at 270 Mbps
n
Manual bypass, cable length indicator, and output mute
with a programmable threshold
n
Single-ended or differential input
n
50
Ω differential outputs
n
Single 3.3V supply operation
n
Replaces the GS1524
Applications
n
SMPTE 292M, SMPTE 344M, and SMPTE 259M serial
digital interfaces
Typical Application
20085901
PRELIMINARY
February 2005
© 2005 National Semiconductor Corporation
DS200859
www.national.com


Similar Part No. - CLC034

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLC034-081C1 CITIZEN-CLC034-081C1 Datasheet
727Kb / 16P
This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC034-081C1-313H3H3-185 CITIZEN-CLC034-081C1-313H3H3-185 Datasheet
727Kb / 16P
This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
logo
Texas Instruments
CLC034MA-NOPB TI-CLC034MA-NOPB Datasheet
111Kb / 9P
CLC034 SMPTE 292M / 259M Adaptive Cable Equalizer
More results

Similar Description - CLC034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0044 NSC-LMH0044 Datasheet
506Kb / 7P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_07 Datasheet
224Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_08 Datasheet
226Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_09 Datasheet
296Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_09 Datasheet
254Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
CLC034MA-NOPB TI-CLC034MA-NOPB Datasheet
111Kb / 9P
CLC034 SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 TI1-LMH0044_14 Datasheet
743Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 TI1-LMH0044 Datasheet
742Kb / 14P
SMPTE 292M / 259M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com