Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC034MA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC034MA
Description  SMPTE 292M / 259M Adaptive Cable Equalizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC034MA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC034MA Datasheet HTML 1Page - National Semiconductor (TI) CLC034MA Datasheet HTML 2Page - National Semiconductor (TI) CLC034MA Datasheet HTML 3Page - National Semiconductor (TI) CLC034MA Datasheet HTML 4Page - National Semiconductor (TI) CLC034MA Datasheet HTML 5Page - National Semiconductor (TI) CLC034MA Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Connection Diagram
20085903
16-Pin SOIC
Order Number CLC034MA
See NS Package Number M16A
Pin Descriptions
Pin #
Name
Description
1
CLI
Cable length indicator. Provides a voltage proportional to the cable length being equalized.
2V
CC
Positive power supply (+3.3V).
3V
EE
Negative power supply (ground).
4
SDI
Serial data true input.
5
SDI
Serial data complement input.
6V
EE
Negative power supply (ground).
7
AEC+
AEC loop filter external capacitor (1µF) positive connection.
8
AEC-
AEC loop filter external capacitor (1µF) negative connection.
9
BYPASS
Bypasses equalization and DC restoration when high. No equalization occurs in this mode.
10
MUTE
REF
MUTE Reference. Determines the maximum cable to be equalized before muting.
11
V
EE
Negative power supply (ground).
12
SDO
Serial data complement output.
13
SDO
Serial data true output.
14
V
EE
Negative power supply (ground).
15
V
CC
Positive power supply (+3.3V).
16
CD/MUTE
Bi-directional carrier detect and output mute. CD/MUTE is high when no signal is present. If
unconnected, MUTE is controlled by the MUTE
REF setting. To force MUTE on, tie to VCC.To
disable MUTE, tie to GND. CD/MUTE has no function in BYPASS mode.
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com