Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC034MA Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC034MA
Description  SMPTE 292M / 259M Adaptive Cable Equalizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC034MA Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC034MA Datasheet HTML 1Page - National Semiconductor (TI) CLC034MA Datasheet HTML 2Page - National Semiconductor (TI) CLC034MA Datasheet HTML 3Page - National Semiconductor (TI) CLC034MA Datasheet HTML 4Page - National Semiconductor (TI) CLC034MA Datasheet HTML 5Page - National Semiconductor (TI) CLC034MA Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Block Diagram
20085902
Device Operation
BLOCK DESCRIPTION
The Equalizer block is a multi-stage adaptive filter. If Bypass
is high, the equalizer is disabled.
The DC Restore block receives the differential signals from
the equalizer filter block. This block incorporates a self-
biasing DC restore circuit to fully DC restore the signals. If
Bypass is high, this function is disabled.
The Output block produces SDO and SDO.
The Cable Length Indicator provides a voltage to indicate
the length of cable being equalized.
The Mute Reference determines the amount of cable to
equalize before muting the outputs. This is set by applying a
voltage proportional to the required length of cable. The
higher the voltage, the lower the mute threshold.
Carrier Detect / Mute is bi-directional, serving two pur-
poses. As an output, carrier detect monitors the signal power
out of the equalizing filter and compares it to the mute
reference to determine if a valid signal is present. Carrier
detect provides a high voltage when no signal is present.
Mute can be forced on or off by using this pin as an input.
Mute is forced off if this pin is tied to ground, and the outputs
will always mute if this pin is tied to V
CC.
The loop response in the AEC block is controlled by an
external 1µF capacitor placed across the AEC+ and AEC-
pins.
INPUT INTERFACING
The CLC034 accepts either differential or single-ended in-
put. The input must be AC coupled. Transformer coupling is
not supported.
The CLC034 correctly handles equalizer pathological signals
for standard definition and high definition serial digital video,
as described in SMPTE RP 178 and RP 198, respectively.
OUTPUT INTERFACING
The SDO and SDO outputs are internally loaded with 50
Ω.
They produce a 750 mV
P-P
differential output, or a
375 mV
P-P single-ended output.
REPLACING THE GENNUM GS1524
The CLC034 is form-fit-function compatible with the Gennum
GS1524.
www.national.com
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com