Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP680C Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP680C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP680C Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP680C Datasheet HTML 3Page - National Semiconductor (TI) COP680C Datasheet HTML 4Page - National Semiconductor (TI) COP680C Datasheet HTML 5Page - National Semiconductor (TI) COP680C Datasheet HTML 6Page - National Semiconductor (TI) COP680C Datasheet HTML 7Page - National Semiconductor (TI) COP680C Datasheet HTML 8Page - National Semiconductor (TI) COP680C Datasheet HTML 9Page - National Semiconductor (TI) COP680C Datasheet HTML 10Page - National Semiconductor (TI) COP680C Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
COP880CCOP881CCOP882C
DC Electrical Characteristics (Continued)
Note 1
Rate of voltage change must be less than 05Vms
Note 2
Supply current is measured after running 2000 cycles with a square wave CKI input CKO open inputs at rails and outputs open
Note 3
The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations Test conditions All inputs tied to VCC L C and G ports TRI-STATE
and tied to ground all outputs low and tied to ground
Note 4
Pins G6 and RESET are designed with a high voltage input network for factory testing These pins allow input voltages greater than VCC and the pins will
have sink current to VCC when biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC) The effective
resistance to VCC is 750X (typ) These two pins will not latch up The voltage at the pins must be limited to less than 14V
Note 5
To maintain RAM integrity the voltage must not be dropped or raised instantaneously
AC Electrical Characteristics b40 C s TA s a85 C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Instruction Cycle Time (tc)
CrystalResonator or External
VCC t 45V
1
DC
m
s
(Div-by 10)
25V s VCC k 45V
25
DC
m
s
RC Oscillator Mode
VCC t 45V
3
DC
m
s
(Div-by 10)
25V s VCC k 45V
75
DC
m
s
CKI Clock Duty Cycle (Note 6)
fr e Max
40
60
%
Rise Time (Note 6)
fr e 10 MHz Ext Clock
12
ns
Fall Time (Note 6)
fr e 10 MHz Ext Clock
8
ns
Inputs
tSETUP
VCC t 45V
200
ns
25V s VCC k 45V
500
ns
tHOLD
VCC t 45V
60
ns
25V s VCC k 45V
150
ns
Output Propagation Delay
CL e 100 pF RL e 22 kX
tPD1 tPD0
SO SK
VCC t 45V
07
m
s
25V s VCC k 45V
175
m
s
All Others
VCC t 45V
1
m
s
25V s VCC k 45V
25
m
s
MICROWIRETM Setup Time (tUWS)
20
ns
MICROWIRE Hold Time (tUWH)
56
ns
MICROWIRE Output
Propagation Delay (tUPD)
220
ns
Input Pulse Width
Interrupt Input High Time
tC
Interrupt Input Low Time
tC
Timer Input High Time
tC
Timer Input Low Time
tC
Reset Pulse Width
10
m
s
Note 6
Parameter characterized but not production tested
Timing Diagram
TLDD10802 – 2
FIGURE 2 MICROWIREPLUS Timing
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com