Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP680C Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP680C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP680C Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP680C Datasheet HTML 5Page - National Semiconductor (TI) COP680C Datasheet HTML 6Page - National Semiconductor (TI) COP680C Datasheet HTML 7Page - National Semiconductor (TI) COP680C Datasheet HTML 8Page - National Semiconductor (TI) COP680C Datasheet HTML 9Page - National Semiconductor (TI) COP680C Datasheet HTML 10Page - National Semiconductor (TI) COP680C Datasheet HTML 11Page - National Semiconductor (TI) COP680C Datasheet HTML 12Page - National Semiconductor (TI) COP680C Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
COP680CCOP681CCOP682C
AC Electrical Characteristics b55 C s TA s a125 C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Ext or CrystalResonant
VCC t 45V
1
DC
m
s
(Div-by 10)
CKI Clock Duty Cycle
fr e Max
40
60
%
(Note 6)
Rise Time (Note 6)
fr e 10 MHz Ext Clock
12
ns
Fall Time (Note 6)
fr e 10 MHz Ext Clock
8
ns
MICROWIRE Setup Time (tUWS)20
ns
MICROWIRE Hold Time (tUWH)56
ns
MICROWIRE Output Valid
220
ns
Time (tUPD)
Input Pulse Width
Interrupt Input High Time
tC
Interrupt Input Low Time
tC
Timer Input High Time
tC
Timer Input Low Time
tC
Reset Pulse Width
1
m
s
Note 6
Parameter characterized but not production tested
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com