Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HABC856 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HABC856
Description  GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HABC856 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HABC856 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 5
HABC856/HABC857/HABC858(PNP)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE : BC856/BC857/BC858
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
HABC846
VCBO
-80
V
HABC847
VCBO
-50
HABC848
VCBO
-30
Collector-Emitter Voltage
HABC846
VCEO
-65
V
HABC847
VCEO
-45
HABC848
VCEO
-30
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-0.1
A
Collector Power Dissipation
PC
0.2
W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to +150
°C
SOT-23
1: BASE 2: EMITTER 3: COLLECTOR
MARKING:
HABC856A 3A
HABC856B 3B
HABC857A 3E
HABC857B 3F HABC857C 3G
HABC858A 3J
HABC858B 3K
HACB858C 3L


Similar Part No. - HABC856

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HABC807 HOTTECH-HABC807 Datasheet
409Kb / 4P
GENERAL PURPOSE TRANSISTOR
HABC807-16 HOTTECH-HABC807-16 Datasheet
409Kb / 4P
GENERAL PURPOSE TRANSISTOR
HABC807-25 HOTTECH-HABC807-25 Datasheet
409Kb / 4P
GENERAL PURPOSE TRANSISTOR
HABC807-40 HOTTECH-HABC807-40 Datasheet
409Kb / 4P
GENERAL PURPOSE TRANSISTOR
HABC808 HOTTECH-HABC808 Datasheet
314Kb / 4P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HABC856

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com