Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HABC856 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HABC856
Description  GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HABC856 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HABC856 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 5
HABC856/HABC857/HABC858(PNP)
GENERAL PURPOSE TRANSISTOR
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Test conditions
Min
Max
Unit
HABC856
Collector-Base Breakdown Voltage
HABC857
HABC858
VCBO
IC= -10µA,IE=0
-80
-50
-30
V
HABC856
Collector-Emitter Breakdown Voltage
HABC857
HABC858
VCEO
IC= -10mA,IB=0
-65
-45
-30
V
Emitter-Base Breakdown Voltage
VEBO
IE= -10µA,IC=0
-5
V
HABC856
Collector Cut-off Current
HABC857
HABC858
ICBO
VCB=- 70V , IE=0
VCB=- 45V , IE=0
VCB=- 25V , IE=0
-0.1
μA
HABC856
Collector Cut-off Current
HABC857
HABC858
ICEO
VCE=-60V , IB=0
VCE=-40V , IB=0
VCE=-25V , IB=0
-0.1
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-0.1
μA
HABC856A,857A,858A
DC Current Gain
HABC856B,857B,858B
HABC857C,BC858C
hFE
VCE= -5V, IC= -2mA
110
200
420
220
450
800
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA,IB= -5mA
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-100mA,IB=- 5mA
-1.1
V
Transition Frequency
fT
VCE=- 5V,IC= -10mA
f=100MHz
100
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz
4.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com