Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EY Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3391EY
Description  8 String White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EY Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3391EY Datasheet HTML 1Page - Monolithic Power Systems MP3391EY Datasheet HTML 2Page - Monolithic Power Systems MP3391EY Datasheet HTML 3Page - Monolithic Power Systems MP3391EY Datasheet HTML 4Page - Monolithic Power Systems MP3391EY Datasheet HTML 5Page - Monolithic Power Systems MP3391EY Datasheet HTML 6Page - Monolithic Power Systems MP3391EY Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EV3391EY-00A 8 STRING WHITE LED DRIVER
EV3391EY-00A Rev.1.0
www.MonolithicPower.com
4
11/9/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV3391EY-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
220µF
Electrolytic
Capacitor,
35V
2
C5,C6
2.2µF
Ceramic
Capacitor,
100V, X7R
1210
Murata
GRM32ER71H225KA88L
1
C3
4.7µF
Ceramic
Capacitor,
50V, X7R
1210
Murata
GRM32ER71H475KA88L
2
C4,C7
NC
1210
1
C2
47µF
Electrolytic
Capacitor,
100V
Jianghai
ECV2AVS470M
9
C8,C13,
C14,C17,
C18,C19,
C20,C22,
C23
NC
0603
1
C9
100pF
Ceramic
Capacitor,
50V, COG
0603
Murata
GRM1885C1H101JA01D
6
C10,C12,
C15,C16,
C21,C24
0.47µF
Ceramic
Capacitor,
25V, X7R
0603
Murata
GRM1885C1H474JA01D
1
C11
1µF
Ceramic
Capacitor,
16V, X7R
0603
Murata
GRM188R71H105KA93D
1
C16
470nF
Ceramic
Capacitor,
10V, X7R
0603
Murata
GRM188R71H474KA93D
1
D1
Diode Schottky, 90V,
3A
SMB
Diodes Inc
B390
1
F1
0Ω
Fuse, 2A, 63V
1206
Cooper
Bussman
3216FF2-R
1
L1
33µH
Inductor,5A
SMD
Wurth
7447709330
1
M3
P- channel MOSFET
SO8
AM4499P
1
M2
NC
SO8
1
M1
N- channel MOSFET
SO8
AG9977GH
10
R5,R28,
R31,R35,
R47,R49,
R50,R32,
R33, R36
NC
0603
1
R1
357k
Resistor, 1%
0603
Yageo
RC0603FR-07357KL
1
R2
NC
0805
4
R3, R8,
R12, R34
0Ω
Resistor, 5%
0603
Yageo
1
R6
1kΩ
Resistor, 1%
0603
Yageo
RC0603FR-071KL
2
R9,R7
10kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0710KL
2
R11,R10
0.1Ω
Current Resistor, 1%
1206
2
R13,R19
2kΩ
Resistor, 1%
0603
Yageo
RC0603FR-072KL
2
R14,R21
20kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0720KL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com