Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EY Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3391EY
Description  8 String White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EY Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3391EY Datasheet HTML 1Page - Monolithic Power Systems MP3391EY Datasheet HTML 2Page - Monolithic Power Systems MP3391EY Datasheet HTML 3Page - Monolithic Power Systems MP3391EY Datasheet HTML 4Page - Monolithic Power Systems MP3391EY Datasheet HTML 5Page - Monolithic Power Systems MP3391EY Datasheet HTML 6Page - Monolithic Power Systems MP3391EY Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EV3391EY-00A 8 STRING WHITE LED DRIVER
EV3391EY-00A Rev.1.0
www.MonolithicPower.com
5
11/9/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV3391EY-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
2
R15,R37
90.9kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0790K9L
2
R16,R38
100kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07100KL
16
R17,R18,
R20,R22,
R24,R25,
R27,R29,
R39-42,
R44,R45,
R46,R48
10Ω
Resistor, 1%
0603
Yageo
RC0603FR-0710L
2
R23,R43
20.5kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0720K5L
1
R26
332kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07332KL
1
R30
130kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07130KL
R51
300
Resistor, 1%
0603
Yageo
RC0603FR-07300RL
2
U1
LED Driver IC
SOIC
MPS
MP3391EY R1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com