Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3394SGS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3394SGS
Description  4 strings 120mA White LED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394SGS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3394SGS Datasheet HTML 1Page - Monolithic Power Systems MP3394SGS Datasheet HTML 2Page - Monolithic Power Systems MP3394SGS Datasheet HTML 3Page - Monolithic Power Systems MP3394SGS Datasheet HTML 4Page - Monolithic Power Systems MP3394SGS Datasheet HTML 5Page - Monolithic Power Systems MP3394SGS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV3394S-S-00A 4 STRINGS WHITE LED DRIVER
EV3394S-S-00A Rev.1.0
www.MonolithicPower.com
4
10/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 12V, 10LEDs in series 4 strings, 120mA/string, unless otherwise noted.
VSW
20V/div.
VOUT
20V/div.
VIN
10V/div.
VIN
10V/div.
IINDUCTOR
1A/div.
Steady State
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
VIN Power On
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
VEN
5A/div.
EN Power On
VSW
20V/div.
VOUT
20V/div.
VBOSC
1V/div.
ILED
500mA/div.
VSW
20V/div.
VOUT
20V/div.
VPWMI
5V/div.
ILED
500mA/div.
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
Open LED Protection
Open all LED string at working
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
Open LED Protection
Open one LED string at working
VSW
20V/div.
VOUT
20V/div.
VLED1
20V/div.
ILED
500mA/div.
Short LED Protection
Short VOUT to LEDx at working
Efficiency vs. VIN
50
55
60
65
70
75
80
85
90
95
100
510
15
20
25
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com